Electronic Components Datasheet Search
  English  ▼

X  

CKM Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # CKM
Description  DIN RAIL MOUNT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CKM Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  CKM Datasheet HTML 1Page - Sensata Technologies, Inc. CKM Datasheet HTML 2Page - Sensata Technologies, Inc. CKM Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
THERMAL DERATE INFORMATION
MECHANICAL SPECIFICATIONS
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
25
30
20
15
10
5
0
20
40
60
80
0
CKM0610
CKM0620
CKM0630
Ambient Temperature (ºC)
3.2
(81.3)
3.5
(88.9)
3.9
(99.0)
.5
(12.7)
SOLID STATE
CONTACTOR
OUTPUT
U T
S T A
MOUNTING
HOLE/SLOT
0.17 (4.3) DIA.
HEAT SINK:
BLACK ANODIZED
ALUMINUM
2.6
(66.0)
.890
(22.5)
3.2
(81.9)
1/L1
2/T1
+3/A1
4/A2
CKR SERIES
20
30
10
20
40
60
80
Caution
High Temperature
Current Rating 20A @ 25°C
!
Page 2
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com