Electronic Components Datasheet Search
  English  ▼

X  

CP201 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # CP201
Description  ACCESSORIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CP201 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  CP201 Datasheet HTML 1Page - Sensata Technologies, Inc. CP201 Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| CP201, CP202
ACCESSORIES
Features
• Pluggable Input Connector 2 position,
Screw Terminal or Spring Terminal
• For use with all Contactor configuration NOVA22 SSRs,
Panel Mount or DIN Rail Mount
TYPICAL PROPERTIES
Description
CP201
CP202
Rated Voltage UL/IEC [V]
300/600
300/250
Rated Current UL/IEC [A]
15/18
10/12
Conductor Cross-Section [AWG/mm²]
28~12 / 0.2~2.5
26~12 / 0.5~2.5
Rated Surge Voltage UL/IEC/Max. [kV]
1.6 / 4/ 4
1.6 / 2
Connection Type
Screw Terminal
Screw Terminal
Screw Torque [Nm]
0.51
-
Screw Size
M2.5
-
Wire Strip Length [mm]
7~8
8~9


Similar Part No. - CP201

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CP201 CRYDOM-CP201 Datasheet
433Kb / 3P
Pluggable Input Connector 2 position, Screw Terminal or Spring Terminal
logo
List of Unclassifed Man...
CP2010 ETC1-CP2010 Datasheet
272Kb / 3P
TRANSHIELLD CP2000 SERIES
logo
Chip Integration Techno...
CP20100S CITC-CP20100S Datasheet
463Kb / 3P
20A Surface Mount Trench Schottky Rectifier
logo
List of Unclassifed Man...
CP2010A ETC1-CP2010A Datasheet
272Kb / 3P
TRANSHIELLD CP2000 SERIES
logo
JILIN SINO-MICROELECTRO...
CP2010N3A JSMC-CP2010N3A Datasheet
864Kb / 9P
TRIACS
202104A
More results

Similar Description - CP201

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
TDK Electronics
B65840H1106T001 TDK-B65840H1106T001 Datasheet
269Kb / 5P
Accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com