Electronic Components Datasheet Search
  English  ▼

X  

DC60 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # DC60
Description  PANEL MOUNT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DC60 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  DC60 Datasheet HTML 1Page - Sensata Technologies, Inc. DC60 Datasheet HTML 2Page - Sensata Technologies, Inc. DC60 Datasheet HTML 3Page - Sensata Technologies, Inc. DC60 Datasheet HTML 4Page - Sensata Technologies, Inc. DC60 Datasheet HTML 5Page - Sensata Technologies, Inc. DC60 Datasheet HTML 6Page - Sensata Technologies, Inc. DC60 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
Output (2)
Features
• Ratings from 3A to 7A @ 60 VDC
• Bi-Polar Transistor Output
• UL Approved, CE Compliant to EN60950-1
• Improved SEMS Screw and Washer
• Redesigned Housing with Anti-Rotation Barriers
• AC and DC Control
• Epoxy Free Design
Control Voltage
3A
5A
7A
3.5-32 VDC
DC60S3
DC60S5
DC60S7
90-280 VAC/VDC
DC60SA3
DC60SA5
DC60SA7
Description
3A
5A
7A
Recommended Operating Voltage [Vdc]
3-48
3-48
3-48
Absolute Maximum Rating [Vdc]
60
60
60
Maximum Off-State Leakage Current
@ Rated Voltage [mA]
0.1
0.1
0.1
Maximum Load Current [Adc] (3)
3
5
7
Minimum Load Current [mA]
20
20
20
Maximum Surge Current (10 msec) [Adc]
6
10
14
Maximum On-State Voltage Drop
@ Rated Current [Vdc]
1
1.2
1.3
Thermal Resistance Junction to Case
(Rjc) [°C/W]
2
2
2
Minimum Heat Sink @ Ambient
(for max current = °C/W & Ta)
5 @ 60°C
5 @ 60°C
5 @ 40°C
SPECIFICATIONS
PRODUCT SELECTION
| DC60 SERIES
PANEL MOUNT


Similar Part No. - DC60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DC60 MICROCHIP-DC60 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Intronics Power, Inc.
DC600 INTRONICS-DC600 Datasheet
134Kb / 1P
3.0 WATT SINGLE & DUAL OUTPUT DC-DC CONVERTERS
DC600-I INTRONICS-DC600-I Datasheet
114Kb / 1P
3.0 WATT HIGH ISOLATION DC-DC CONVERTERS
logo
Kingston Technology Far...
DC600M KINGSTON-DC600M Datasheet
176Kb / 2P
Enterprise Class Mixed-Use SSD with Power Loss Protection
logo
Analog Devices
DC607A AD-DC607A Datasheet
223Kb / 5P
Isolated Full Bridge Converter
More results

Similar Description - DC60

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
PANEL MOUNT
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
logo
Pepperl+Fuchs Inc.
V1D-M16-V1D PF-V1D-M16-V1D Datasheet
141Kb / 1P
panel mount
2018-11-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com