Electronic Components Datasheet Search
  English  ▼

X  

DR22 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # DR22
Description  DIN RAIL MOUNT SOLID STATE RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DR22 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  DR22 Datasheet HTML 1Page - Sensata Technologies, Inc. DR22 Datasheet HTML 2Page - Sensata Technologies, Inc. DR22 Datasheet HTML 3Page - Sensata Technologies, Inc. DR22 Datasheet HTML 4Page - Sensata Technologies, Inc. DR22 Datasheet HTML 5Page - Sensata Technologies, Inc. DR22 Datasheet HTML 6Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Description
DC Control
Control Voltage Range
4-32 VDC
Maximum Reverse Voltage
-32 VDC
Minimum Turn-On Voltage 4
4 VDC
Must Turn-Off Voltage
1 VDC
Minimum Input Current (for on-state)
11 mA
Maximum Input Current
15 mA
Nominal Input Impedance
Current Regulated
Maximum Turn-On Time [μsec]
75
Maximum Turn-Off Time [μsec]
100
Description
Parameters
Dielectric Strength, Input to Output (50/60Hz)
3750 Vrms
Dielectric Strength, Input/Output to Case (50/60Hz)
2500 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 100 °C
Weight (typical)
10.5 oz (298 g)
Housing Material
UL94 V-0
Heat Sink Material
Aluminum
Din Rail Clip Material
Zinc Plated Steel
Hardware Finish
Nickel Plating
Input Terminal Screw Torque Range (lb-in/Nm)
13-15/1.5-1.7
Load Terminal Screw Torque Range (lb-in/Nm)
13-15/1.5-1.7
Humidity
95% non-condensing
LED Input Status Indicator
Green
Input (1)
General (1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com