Electronic Components Datasheet Search
  English  ▼

X  

DR45 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # DR45
Description  AC SINGLE PHASE OUTPUT DIN RAIL MOUNT SSRS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DR45 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  DR45 Datasheet HTML 1Page - Sensata Technologies, Inc. DR45 Datasheet HTML 2Page - Sensata Technologies, Inc. DR45 Datasheet HTML 3Page - Sensata Technologies, Inc. DR45 Datasheet HTML 4Page - Sensata Technologies, Inc. DR45 Datasheet HTML 5Page - Sensata Technologies, Inc. DR45 Datasheet HTML 6Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OUTPUT SPECIFICATIONS (2)
Description
45A
Operating Voltage (47-440Hz) [VRMS]
48-600
Transient Overvoltage [Vpk] (3)
1200
Maximum Off-State Leakage Current @ Rated Voltage [mARMS]
1
Minimum Off-State dV/dt @ Maximum Rated Voltage [V/sec]
500
Load Current, General Use UL508/LC A IEC62314 @ 40°C [ARMS]
45
Minimum Load Current [mARMS]
100
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
716/750
Maximum On-State Voltage Drop @ Rated Current [VRMS]
1.25
Maximum 1/2 Cycle I² t for Fusing (50/60Hz) [A² sec]
2563/2343
60A
48-600
1200
1
500
60
Load Current, Motor Starting UL508 FLA/LC B IEC62314 @ 40°C [ARMS]
14/7.6
26/14
150
1290/1350
1.15
8320/7593
Maximum Power Dissipation @ Rated Current [W]
52
69
Minimum Power Factor (at Maximum Load) (4)
0.5
0.5
Motor Rating UL 508/IEC62314 [HP (kW)]: 120 VAC
1 (0.74)
2 (1.5)
Motor Rating UL 508/IEC62314 [HP (kW)]: 240 VAC
3 (2.2)
5 (3.73)
Motor Rating UL 508/IEC62314 [HP (kW)]: 480 VAC
5 (3.7)
10 (7.4)
INPUT SPECIFICATIONS (2)
Description
DR4560Axxx
Control Voltage Range
90-280 VAC/VDC
Maximum Reverse Voltage
-
Minimum Turn-On Voltage
90 VAC/VDC
Must Turn-Off Voltage
5 VAC/VDC
Minimum Input Current (for on-state)
3 mA
Maximum Input Current
4 mA
Nominal Input Impedance
Switch Mode
Maximum Turn-On Time [msec]
20
Maximum Turn-Off Time [msec]
30
DR4560Dxxx
4-32 VDC
-32 VDC
4 VDC
1 VDC
7 mA
15 mA
Current Limited
1/2 Cycle
1/2 Cycle
(5)
(6)
Page 2
Required for valid part number
For options only and not
required for valid part number
Series
Overvoltage Protection
Control Voltage (1)
Operating Voltage
Rated Load Current
Switching Type
Input Connector
DR45
60
A
45
R
J
P
60: 48-600 VAC
DR45
Blank: Not Included
P: Included
A: 90-280 VAC/VDC
D: 4-32 VDC
45: 45 Amps
60: 60 Amps
Blank: Zero Voltage Turn-On
R: Instantaneous Turn-On (Motor Rating Certified)
Blank: Screw Terminal
J: Spring Terminal
ORDERING OPTIONS
www.sensata.com
Copyright © 2019 Sensata Technologies, Inc.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com