Electronic Components Datasheet Search
  English  ▼

X  

HSP Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # HSP
Description  ACCESSORIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

HSP Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  HSP Datasheet HTML 1Page - Sensata Technologies, Inc. HSP Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
HSP-1/HSP-3
No
Thickness, inch (mm)
Adhesive One Side
0.003 (0.076)
Thermal Impeadance [°C-in²/W] (1)
Apparent Thermal Conductivity [W/m-K]
1.0
Phase-Change Temperature [°C]
60
Operating Temperature Range [°C]
-55 to 150
Volume Resistivity [ohm-cm]
1012 Ohm
Specific Gravity
NA
Suggested Heatsink Clamping Pressure, psi (MPa)
Tolerances: ±0.010in/0.3mm
All dimensions are in: Inches [milimeters]
(1) This value is provided for reference only. Actual application performance is directly related to the surface roughness, flatness and pressure applied.
20 to 100 (0.138 to 0.690)
0.03 @20 psi
HSP-1
For use with all single phase Panel mount SSR’s, Control modules and M50 power modules.
HSP-3
For use will all three phase panel mount SSR’s (53TP/53RV).
3.62
[91.9]
1.74
[44.2]
2.25
[57.1]
2.90
[73.7]
1.87
[47.5]
4.09
[103.9]
0.19
[4.83]
HSP-1
HSP-3
1.87
[47.5]
0.19
[4.83]
Features
• Easy-to-use thermal interface Material designed for use with Standard
single-phase and three-phase solid-state relays.
• Excellent alternative to thermal grease.
• Shipped in packs of 25.
THERMAL PADS | HSP SERIES
ACCESSORIES
GENERAL SPECIFICATIONS
MECHANICAL SPECIFICATIONS
GENERAL NOTES
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.


Similar Part No. - HSP

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HSP OHMITE-HSP Datasheet
236Kb / 1P
Hermetically Sealed, Precision
logo
Crydom Inc.,
HSP CRYDOM-HSP Datasheet
421Kb / 3P
Panel Mount
HSP CRYDOM-HSP Datasheet
291Kb / 2P
Panel Mount
logo
M-System Co.,Ltd.
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
logo
Phoenix Mecano S.E. Asi...
HSP 1-1000 BOPLA-HSP 1-1000 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - HSP

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
TDK Electronics
B65840H1106T001 TDK-B65840H1106T001 Datasheet
269Kb / 5P
Accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com