Electronic Components Datasheet Search
  English  ▼

X  

201 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 201
Description  2/2-Way Miniature Solenoid Valve
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

201 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  201 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 201 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 201 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 201 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions in mm
Manifold Mounting
The manifolds for 1 to 6 valves have a common pressure
inlet and individual outlet for each valve. Type 201 may
also be mounted together with Type 301 valves (circuit
function C, de-energized, outlet A exhausted) on the
same manifold. The electrical connection can be either
to the right or left of the manifold.
Manifolds may be coupled together using special push-
fit O-ring connecting nipples for linking the pressure
inlets P. Manifolds joined together in this way should be
securely mounted.
G 1/8
Hole Spacing
Overall Length
Order-No.
AB
1valves
12
20
005 312 T
2valves
33
41
005 355 E
3valves
54
62
005 313 U
4valves
75
83
005 314 V
5valves
96
104
005 315 W
6valves
117
125
005 316 X
7valves
138
146
005 893 K
8valves
159
167
005 166 Z
9valves
180
188
005 241 C
10valves
201
209
005 819 Y
11valves
222
230
005 242 D
12valves
243
251
005 222 Z
Accessories
Order-No.
O-ring connector nipple
005 040 A
cable plug, 3-pole,
IP 65 rating Type 1051
005 377 C
port P
0-ring 3x1.5
0-ring 12x1.5
Type 201
2/2-Way Miniature Solenoid Valve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com