Electronic Components Datasheet Search
  English  ▼

X  

THS7347IPHPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # THS7347IPHPR
Description  3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7347IPHPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS7347IPHPR Datasheet HTML 11Page - Texas Instruments THS7347IPHPR Datasheet HTML 12Page - Texas Instruments THS7347IPHPR Datasheet HTML 13Page - Texas Instruments THS7347IPHPR Datasheet HTML 14Page - Texas Instruments THS7347IPHPR Datasheet HTML 15Page - Texas Instruments THS7347IPHPR Datasheet HTML 16Page - Texas Instruments THS7347IPHPR Datasheet HTML 17Page - Texas Instruments THS7347IPHPR Datasheet HTML 18Page - Texas Instruments THS7347IPHPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
www.ti.com
75 W
Red
Green
Blue
75 W
75 W
75 W
75 W
75 W
75 W
Monitor Output
+3.3V +1.8V
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
36
35
34
33
32
31
30
29
28
27
26
25
48 47 46 45 44 43 42 41 40 39 38 37
3.3V
3.3V
I C
2
2.2 m
F
2.2 m
F
0.1 m
F
1.4kW
806 W
100
100
22 pF
22 pF
V =3.3Vto5V
A
0.1 F
m
0.1 F
m
H-Syncand
V-Sync
NotUsed
P’
R
P’
B
Y’
P’
R
P’
B
Y’
Component
480i
576i
480p
576p
720p
1080i
1080p
G’B’R’
H-Sync
V-Sync
806 W
1.4kW
75 W
75 W
2.2 m
F
2.2 m
F
2.2 m
F
V
A
V
A
V
A
V
A
0.1 F
m
0.1 F
m
ADC
Scalar/
Decoder
THS7347
THS7347
SLOS531 – MAY 2007
APPLICATIONS INFORMATION (continued)
R'G'B' (commonly labeled RGB) is also called G'B'R' (again commonly labeled as GBR) in professional video
systems. The SMPTE component standard stipulates that the luma information is placed on the first channel, the
blue color difference is placed on the second channel, and the red color difference signal is placed on the third
channel. This approach is consistent with the Y'P'BP'R nomenclature. Because the luma channel (Y') carries the
sync information and the green channel (G') also carries the sync information, it makes logical sense that G' be
placed first in the system. Since the blue color difference channel (P'B) is next and the red color difference
channel (P'R) is last, then it also makes logical sense to place the B' signal on the second channel and the R'
signal on the third channel, respectively. Thus, hardware compatibility is better achieved when using G'B'R'
rather than R'G'B'. Note that for many G'B'R' systems, sync is embedded on all three channels; this
configuration may not always be the case for all systems.
(1)
Inputs and/or outputs can be ac- or dc-coupled if desired.
(2)
H-Sync and V-Sync input resistance as shown above = 2.2k
Ω, but may be changed to any desired resistance.
(3)
If the Monitor or Buffer PCB trace is >25 mm, it is recommended to place at least a 10-
Ω resistor in series with each
signal to reduce PCB parasitic issues
Figure 4. Typical R'G'B'HV and Y'P'BP'R AC-Coupled Inputs and DC-Coupled Output Configuration
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com