Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPWRG4 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPWRG4
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2007IPWRG4 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TSC2007IPWRG4 Datasheet HTML 22Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 23Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 24Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 25Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 26Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 27Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 28Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 29Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
www.ti.com
START A CONVERTER FUNCTION/WRITE CYCLE
SDA
SCL
1
0
0
1
0
A1
A0
R/W
0
0
C3
C2
C1
C0 PD1 PD0
M
X
0
START
TSC2007
ACK
TSC2007
ACK
AddressByte
CommandByte
Acquisition
Conversion
STOPor
RepeatedSTART
TSC2007
SBAS405 – MARCH 2007
A conversion/write cycle begins when the master issues the address byte containing the slave address of the
TSC2007, with the eighth bit equal to a 0 (R/W = 0), as shown in Table 1. Once the eighth bit has been
received, and the address matches the A1-A0 address input pin setting, the TSC2007 issues an acknowledge.
When the master receives the acknowledge bit from the TSC2007, the master writes the command byte to the
slave (see Table 2). After the command byte is received by the slave, the slave issues another acknowledge bit.
The master then ends the write cycle by issuing a repeated START or a STOP condition, as shown in Figure 31.
Figure 31. Complete I2C Serial Write Transmission
If the master sends additional command bytes after the initial byte, but before sending a STOP or repeated
START condition, the TSC2007 will not acknowledge those bytes.
The input multiplexer channel for the A/D converter is selected when bits C3 through C0 are clocked in. If the
selected channel is an X-,Y-, or Z-position measurement, the appropriate drivers will turn on once the acquisition
period begins.
When R/W = 0, the input sample acquisition period starts on the falling edge of SCL when the C0 bit of the
command byte has been latched, and ends when a STOP or repeated START condition has been issued. A/D
conversion starts immediately after the acquisition period. The multiplexer inputs to the A/D converter are
disabled once the conversion period starts. However, if an X-, Y-, or Z-position is being measured, the
respective touch screen drivers remain on during the conversion period. A complete write cycle is shown in
Figure 31.
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com