Electronic Components Datasheet Search
  English  ▼

X  

DP83848C Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83848C
Description  PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button DP83848C_07 Datasheet HTML 68Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 69Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 70Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 71Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 72Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 73Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 74Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 75Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
72
www.national.com
8.2.15 10BASE-T Transmit Timing (Start of Packet)
Note: 1 bit time = 100 ns in 10Mb/s.
8.2.16 10BASE-T Transmit Timing (End of Packet)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.15.1
Transmit Output Delay from the
Falling Edge of TX_CLK
10 Mb/s MII mode
3.5
bits
T2.15.2
Transmit Output Delay from the
Rising Edge of TX_CLK
10 Mb/s Serial mode
3.5
bits
Parameter
Description
Notes
Min
Typ
Max
Units
T2.16.1
End of Packet High Time
(with ‘0’ ending bit)
250
300
ns
T2.16.2
End of Packet High Time
(with ‘1’ ending bit)
250
300
ns
TX_CLK
TX_EN
TXD
PMD Output Pair
T2.15.1
T2.15.2
TX_CLK
TX_EN
PMD Output Pair
00
11
PMD Output Pair
T2.16.1
T2.16.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com