Electronic Components Datasheet Search
  English  ▼

X  

186456 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 186456
Description  Pressure regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

186456 Datasheet(HTML) 1 Page - Festo Corporation.

  186456 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pressure regulator
LR-1/2-D-O-MAXI
Part number: 186456
General operating condition
Data sheet
Feature
Value
Size
Maxi
Series
D
Actuator lock
Rotary knob with detent
Mounting position
Any
Structural design
Pilot-controlled piston control valve
Controller function
Outlet pressure constant
With secondary exhausting
Symbol
00991559
Pressure gauge
G1/4 prepared
Operating pressure
0 bar ... 16 bar
Pressure regulation range
0.5 bar ... 12 bar
Max. pressure hysteresis
0.4 bar
Standard nominal flow rate
10500 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
700 g
Type of mounting
Front panel mounting
Line installation
With accessories
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Note on materials
RoHS-compliant
Material of sub-base
Die-cast zinc
Seals material
NBR
Housing material
Die-cast zinc
3/27/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 186456

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18645 ATOM-18645 Datasheet
608Kb / 2P
AT9456
27th of January 2025 08:15:35
logo
PHOENIX CONTACT
1864503 PHOENIX-1864503 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 9-5,0-LL
logo
Festo Corporation.
186451 FESTO-186451 Datasheet
95Kb / 1P
Pressure regulator
logo
PHOENIX CONTACT
1864516 PHOENIX-1864516 Datasheet
127Kb / 8P
PCB terminal block - SPTAF 1/10-5,0-LL
09/11/2020
logo
Festo Corporation.
186452 FESTO-186452 Datasheet
91Kb / 1P
Pressure regulator
More results

Similar Description - 186456

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529424 FESTO-529424 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531422 FESTO-531422 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531450 FESTO-531450 Datasheet
84Kb / 2P
Pressure regulator
3/16/22
529481 FESTO-529481 Datasheet
89Kb / 2P
Pressure regulator
3/17/22
530320 FESTO-530320 Datasheet
93Kb / 1P
Pressure regulator
3/17/22
531793 FESTO-531793 Datasheet
92Kb / 2P
Pressure regulator
3/17/22
531828 FESTO-531828 Datasheet
92Kb / 1P
Pressure regulator
3/17/22
531830 FESTO-531830 Datasheet
94Kb / 1P
Pressure regulator
3/17/22
564142 FESTO-564142 Datasheet
81Kb / 1P
Pressure regulator
3/16/22
8086002 FESTO-8086002 Datasheet
82Kb / 1P
Pressure regulator
4/15/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com