Electronic Components Datasheet Search
  English  ▼

X  

DRH Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # DRH
Description  DIN RAIL MOUNT SOLID STATE CONTACTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DRH Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  DRH Datasheet HTML 1Page - Sensata Technologies, Inc. DRH Datasheet HTML 2Page - Sensata Technologies, Inc. DRH Datasheet HTML 3Page - Sensata Technologies, Inc. DRH Datasheet HTML 4Page - Sensata Technologies, Inc. DRH Datasheet HTML 5Page - Sensata Technologies, Inc. DRH Datasheet HTML 6Page - Sensata Technologies, Inc. DRH Datasheet HTML 7Page - Sensata Technologies, Inc. DRH Datasheet HTML 8Page - Sensata Technologies, Inc. DRH Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2
www.sensata.com
Copyright © 2019 Sensata Technologies, Inc.
Input (1)
Description
DRH3P60Dx
DRH3P60Ax
Control Voltage Range
4-32 VDC
90-280 VAC/VDC
Minimum Turn-On Voltage
4 VDC
90 VAC/VDC
Must Turn-Off Voltage
1 VDC
10 VAC
Minimum Input Current (for on-state)
2 mA
1 mA
Maximum Input Current
17 mA
3 mA
Nominal Input Resistance [Ohms]
2k
100k
Maximum Turn-On Time [msec]
1 Cycle (4)
30
Maximum Turn-Off Time [msec]
1 Cycle
40
Power Supply (1)
Description
DRH3P60Dx
DRH3P60Ax
Voltage Range
8-32 VDC
90-265 VAC/VDC
Minimum Turn-On Voltage
8 VDC
90 VAC/VDC
Must Turn-Off Voltage
3 VDC
5 VAC/VDC
Maximum Source Current [mA]
125
40
Maximum Start Up Time [msec]
20
50
Maximum Shut Off Time [msec]
40
500
Output (1)
Description
18 A
20 A
Operating Voltage (47-63Hz) [Vrms ]
48-600
48-600
Transient Overvoltage [Vpk] (2)
1200
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
3
3
Minimum Off-State dV/dt @ Maximum Rated Voltage [V/µsec]
500
500
Load Current, General Use UL508/IEC62314 @ 40°C [Arms] (3)
18
20
Load Current, Motor Starting UL508 FLA/IEC62314 @ 40°C [Arms] (3)
7.6
7.6
Minimum Load Current [Arms]
0.15
0.15
Maximum Surge Current [Apk] 1Cycle 60Hz
750
750
Maximum Surge Current [Apk] 1Cycle 50Hz
716
716
Maximum I²t for Fusing (8.33 msec) [A²sec]
2330
2330
Maximum I²t for Fusing (10 msec) [A²sec]
2560
2560
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.35 per channel
1.35 per channel
Minimum Power Factor (with Maximum Load)
0.5
0.5
Motor Rating UL 508/ IEC60947-4-2 [HP/kW] :240 VAC
2/1.5
2/1.5
Motor Rating UL 508/ IEC60947-4-2 [HP/kW] :380 VAC
3/2.2
3/2.2
Motor Rating UL 508/ IEC60947-4-2 [HP/kW] :480 VAC
5/3.7
5/3.7
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com