Electronic Components Datasheet Search
  English  ▼

X  

10ETF06STRR Datasheet(PDF) 3 Page - International Rectifier

Part # 10ETF06STRR
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF06STRR Datasheet(HTML) 3 Page - International Rectifier

  10ETF06STRR Datasheet HTML 1Page - International Rectifier 10ETF06STRR Datasheet HTML 2Page - International Rectifier 10ETF06STRR Datasheet HTML 3Page - International Rectifier 10ETF06STRR Datasheet HTML 4Page - International Rectifier 10ETF06STRR Datasheet HTML 5Page - International Rectifier 10ETF06STRR Datasheet HTML 6Page - International Rectifier 10ETF06STRR Datasheet HTML 7Page - International Rectifier 10ETF06STRR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
10ETF06SPbF QUIET
IR Series
Bulletin I2204 03/05
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC Max. Thermal Resistance Junction
1.5
°C/W
DC operation
to Case
R
thJA Max. Thermal Resistance Junction
40
°C/W
to Ambient (PCB Mount)**
Ts
Soldering Temperature
240
°C
wt
Approximate Weight
2 (0.07)
g (oz.)
Case Style
D2Pak (SMD-220)
Marking Device
10ETF06S
Thermal-Mechanical Specifications
Parameters
10ETF..
Units
Conditions
** When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140µm) copper 40°C/W
For recommended footprint and soldering techniques refer to application note #AN-994
120
125
130
135
140
145
150
02
46
8
10
12
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
10ETF..SSeries
R
(DC) = 1.5 °C/ W
thJC
120
125
130
135
140
145
150
0
2
4
6
8
10
12
14
16
DC
30°
60°
90°
120°
180°
Cond uction Period
Average Forward Current (A)
10ETF..SSeries
R
(DC) = 1.5 °C/ W
thJC
0
4
8
12
16
20
0
4
8
12
16
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
Conduction Period
10ETF..SSeries
T = 150°C
J
0
2
4
6
8
10
12
14
16
02
4
6
8
10
Average Forward Current (A)
RMSLimit
Cond uction Angle
180°
120°
90°
60°
30°
10ETF..SSeries
T = 150°C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com