Electronic Components Datasheet Search
  English  ▼

X  

LP02UC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # LP02UC
Description  Unregulated 2.25 Watt Dual-In-Line DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

LP02UC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  LP02UC Datasheet HTML 1Page - Murata Power Solutions Inc. LP02UC Datasheet HTML 2Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The LP02UC Series is designed specifically for low-cost Local Area Network
applications. It provides isolated power for LAN transceiver devices. The prod-
uct operates from either 5 or 12 volts input voltage and supplies an isolated
-9 volts output.
The LP02UC Series is housed in an industry standard 24-pin dual-in-line (DIP)
package to permit upgrading of existing systems.
A 100kHz push-pull oscillator is used in the input stage, complementing the
unit's high efficiency and low noise characteristics.
The LP02UC Series offers the user a cost effective solution without sacrificing
reliability. A highly automated manufacturing process is employed in which
all components are surface mounted and reflow-soldered, eliminating any
hand-soldering during construction. This dramatically reduces unit variation
and improves reliability.
NOTES:
All dimensions are in inches (mil-
limeters).
PIN CONNECTIONS
FUNCTION
PINS
+V
IN
1 & 24
-V
IN
12 & 13
+V
OUT
11 & 14
-V
OUT
10 & 15
MECHANICAL: PACKAGE/PINOUT "K"
APPLICATIONS

Ethernet adapter cards

Cheapernet Local area networks (LANs)
FEATURES

RoHs compliant

24-Pin DIP package

Internal filtering

Low output noise

Temperature Range: -25°C to +70°C

Surface mount construction
SIDE
VIEW
TOP
VIEW
SIDE
VIEW
LP02UC
ISO9001
CERTIFIED
These devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes under
any circumstances.
The normal wave soldering process can be used with these devices
where the device is subjected to a maximum wave temperature of
260°C for a period of no more than 10 seconds. Within this time and
temperature range, the integrity of the device’s plastic body will not
be compromised and internal temperatures within the converter will
not exceed 175°C. Care should be taken to control manual soldering
limits identical to that of wave soldering.
THROUGH-HOLE SOLDERING INFORMATION
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
ELECTRICAL SPECIFICATIONS
Model
Nominal
Input
Voltage
(VDC)
Rated
Output
Voltage
(VDC)
Rated
Output
Current
(mA)
Input Current
Efficiency
(%)
No Load
(mA)
Rated Load
(mA)
LP02U05S09C
5
9
250
50
568
80
LP02U12S09C
12
9
250
30
240
77
NOTE: Other input to output voltage options may be available. Please consult factory.
LP02UC Series
Unregulated 2.25 Watt
Dual-In-Line DC/DC Converter
LP02UC Series.C01 Page 1 of 2
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs


Similar Part No. - LP02UC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
LP02U CANDD-LP02U Datasheet
64Kb / 2P
UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER
LP02U05S09 CANDD-LP02U05S09 Datasheet
64Kb / 2P
UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER
LP02U12S09 CANDD-LP02U12S09 Datasheet
64Kb / 2P
UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER
More results

Similar Description - LP02UC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL01U CANDD-HL01U Datasheet
54Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
2 WATT UNREGULATED DC/DC CONVERTER
LP02U CANDD-LP02U Datasheet
64Kb / 2P
UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER
PWR11XX CANDD-PWR11XX Datasheet
165Kb / 4P
1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
1.8 WATT UNREGULATED DC/DC CONVERTER
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
PWR1100C MURATA-PS-PWR1100C Datasheet
146Kb / 4P
1.5 Watt Unregulated Dual-in-Line DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com