Electronic Components Datasheet Search
  English  ▼

X  

2513 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2513
Description  Cable plug acc. to DIN EN 175301 - 803 Form A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2513 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2513 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Type 2513
3 | 6
Visit product website 
1.
General Technical Data
Product properties
Dimensions
Detailed information can be found in chapter “2. Dimensions” on page 4.
Material
Seal
TPU injected
additional NBR*1 (supplied loose)
Body
Polyamide
Contact
Brass, silver plated
Fixing screw
Stainless steel
Cable diameter
5.5…6.5 mm
Cable sheath
PUR
Core insulation
PP
Core cross-section
3 × 0.75 mm2
Bending radius (moving state)
Min. 10x cable diameter
Sheath color
Black
Core insulation color
Brown, blue, green yellow
Electrical data
Acceptable current load
4 A
Rated voltage
max. 230 V AC/DC
Circuit
Without
No. of pins
4 pin (2 + 2x protective conductor)
Environment and installation
Degree of protection
IP65 (in locked position)
Ambient temperature
- 30 ºC…+ 90 ºC
Soiling level
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com