Electronic Components Datasheet Search
  English  ▼

X  

6430 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 6430
Description  Piston valve, 3/2-way, servo-assisted
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6430 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  6430 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6430 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6430 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6430 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6430 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6430 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6430 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6430 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6430 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Visit product website 
DATA SHEET
Type 2518
Cable plug,
form A according to
DIN EN 175301 - 803
Type 2516
Cable plug,
form C according to
DIN EN 175301 - 803
Type 1087
Timer,
form A according to
DIN EN 175301 - 803
Standard | EU | en | 2024-01-15 | 02
Piston valve, 3/2-way, servo-assisted
• Servo-assisted piston valve from DN 8 to DN 40
• Increased operational safety with pivoted armature technology
• Service-friendly manual override
• Energy-saving “Kick and Drop” or pulse coils
• Explosion-proof variants available on request
The valve 6430 is a servo-assisted 3/2-way piston valve. If the valve is not supplied
with auxiliary pilot air, a minimum differential pressure is required for the function.
Variants:For neutral liquids and gases in the pressure range 1 - 16 bar in the func-
tion NC and NO. -For technical vacuums up to 3 bar in the function NC and NO. -
With auxiliary pilot air for vacuums up to 8 bar in the function NC and NO. All vari-
ants are available as an impulse version to secure the switching position even in the
event of power interruptions. The Type 6430 is equipped with a manual override for
start-up or manual operation (exception: impulse version). To reduce electrical
power consumption during operation, coils with integrated “Kick and Drop” (KD)
electronics featuring double coil technology are available. A maintenance-free,
media-separated 3/2-way pivoted armature valve Type 0331 is used as a pilot
valve. In combination with a plug to DIN EN 175301 – 803 Form A, the valves satisfy
degree of protection IP65.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 6430
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 6430

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
6430 TEKTRONIX-6430 Datasheet
293Kb / 4P
Sub-femtoamp Remote SourceMeter짰 SMU Instrument
logo
Alpha Wire
6430 ALPHAWIRE-6430 Datasheet
410Kb / 4P
18 (19/30) AWG Tinned Copper
logo
TEKTRONIX, INC
6430 KEITHLEY-6430 Datasheet
292Kb / 4P
Sub-femtoamp Remote SourceMeter SMU Instrument
6430-322-1B KEITHLEY-6430-322-1B Datasheet
292Kb / 4P
Sub-femtoamp Remote SourceMeter SMU Instrument
6430-3Y-EW KEITHLEY-6430-3Y-EW Datasheet
292Kb / 4P
Sub-femtoamp Remote SourceMeter SMU Instrument
More results

Similar Description - 6430

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BOT123 BOT-BOT123 Datasheet
37Kb / 2P
3 Way 2 Tier 3mm LED Array
logo
Sensortechnics GmbH
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
General purpose 2-way and 3-way soleniod valves
logo
Transcom, Inc.
TPD03-02G04S TRANSCOM-TPD03-02G04S Datasheet
84Kb / 1P
2-4GHz 3-Way Power Divider
TPD03-02G08S TRANSCOM-TPD03-02G08S Datasheet
86Kb / 1P
2-8GHz 3-Way Power Divider
TPD03-02G18BS TRANSCOM-TPD03-02G18BS Datasheet
86Kb / 1P
2-18GHz 3-Way Power Divider
logo
TT Electronics.
DS1581 TTELEC-DS1581 Datasheet
325Kb / 1P
2, 3 & 5 Valve Manifolds
DS1591 TTELEC-DS1591 Datasheet
309Kb / 1P
Servo-Acting Valve
logo
Festo Corporation.
151160 FESTO-151160 Datasheet
91Kb / 2P
One-way flow control valve
151167 FESTO-151167 Datasheet
93Kb / 2P
One-way flow control valve
151189 FESTO-151189 Datasheet
92Kb / 1P
One-way flow control valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com