Electronic Components Datasheet Search
  English  ▼

X  

2516 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2516
Description  Plunger valve 3/2 way direct-acting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2516 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2516 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Type 6012
Visit product website 
DATA SHEET
DATA SHEET
Type 2507
Cable plug - industry
standard plug Form B
Type 2516
Cable plug DIN EN
175301-803 - form C
1000011028 | Standard | EU | en | 202101 | 14
Plunger valve 3/2 way direct-acting
• Direct-acting, compact small-format valve with diameter of up to
DN 1.6
• Screwed coil system
• Banjo threaded connection for direct mounting on pneumatic
valves
• Simple and quick push-in, flange, or manifold installation
• Service-friendly manual override
Valve 6012 is a direct-acting plunger valve. The stopper and plunger guide
tube are welded together to enhance pressure resistance and leak-tightness.
Various seal material combinations are available depending on the applica-
tion. A Bürkert-specific flange design (SFB) enables space-saving arrange-
ment of valves on a manifold. Push-in fittings can be selected for flexible hose
connection. A banjo connection with banjo bolt is the ideal solution for easy
direct mounting on a pneumatic drive. Optional manual actuation enables
quick commissioning and optimal maintenance. In combination with a cable
plug in accordance with industry standard Form B or DIN EN 17301-803 Form
C, the valves satisfy protection class IP65.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 6012
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2516

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2516 KR-2516 Datasheet
24Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2516 ETC2-2516 Datasheet
474Kb / 7P
60 MHz (2511/2515) and 100 MHz (2512/2516) bandwidth
logo
Heyco.
2516 HEYCO-2516 Datasheet
154Kb / 1P
Threaded Smooth Bore Bushings
logo
Christian Bürkert GmbH ...
2516 BURKERT-2516 Datasheet
1Mb / 13P
Plunger valve 2/2 way direct-acting
26.01.2021
2516 BURKERT-2516 Datasheet
1Mb / 17P
2/2 or 3/2 way Pneumatic-Rocker-Solenoid Valve
03.02.2023
More results

Similar Description - 2516

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BOT123 BOT-BOT123 Datasheet
37Kb / 2P
3 Way 2 Tier 3mm LED Array
logo
Sensortechnics GmbH
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
General purpose 2-way and 3-way soleniod valves
logo
Transcom, Inc.
TPD03-02G04S TRANSCOM-TPD03-02G04S Datasheet
84Kb / 1P
2-4GHz 3-Way Power Divider
TPD03-02G08S TRANSCOM-TPD03-02G08S Datasheet
86Kb / 1P
2-8GHz 3-Way Power Divider
TPD03-02G18BS TRANSCOM-TPD03-02G18BS Datasheet
86Kb / 1P
2-18GHz 3-Way Power Divider
logo
TT Electronics.
DS1561 TTELEC-DS1561 Datasheet
312Kb / 1P
2 Way Direct Acting
DS1571 TTELEC-DS1571 Datasheet
312Kb / 1P
3 Way Direct Acting
DS1581 TTELEC-DS1581 Datasheet
325Kb / 1P
2, 3 & 5 Valve Manifolds
DS1591 TTELEC-DS1591 Datasheet
309Kb / 1P
Servo-Acting Valve
logo
List of Unclassifed Man...
FAB ETC-FAB Datasheet
575Kb / 22P
Discrete direct acting 2 port solenoid valve for compressed air, manifold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com