Electronic Components Datasheet Search
  English  ▼

X  

2516 Datasheet(PDF) 39 Page - Christian Bürkert GmbH & Co. KG

Part # 2516
Description  Servo-assisted 3/2, 5/2 or 5/3-way solenoid valve for pneumatics
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2516 Datasheet(HTML) 39 Page - Christian Bürkert GmbH & Co. KG

Back Button 2516 Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 37Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 38Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 39Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 40Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 41Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 42Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 43Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Type 6519
39 | 61
Visit product website 
8.7. Ordering chart NAMUR standard version
With plug form A
Note:
• Please note that the cable plug must be ordered separately, see “Cable plug Type 2518, form A according to DIN EN
175301‑803” on page 57 or separate data sheet for Type 2518 .
• Further variants with manual override available on request
• All the valves listed in the table can be used both in circuit function C and circuit function H. The units are supplied with a so‑
called “changeover plate ”, which then enables use in both modes of operation.
Circuit function
Orifice Seal
material
body
Material
connection
sockets
Q
Nn
value
air 2.)
Pressure
range 3.)
Electrical
connec-
tion
Electrical
nominal
power
Voltage/
Frequency
Article no.
[mm]
[l/min] [bar]
[W]
[V/Hz]
G ¼
NPT
Socket 1, 3 and 5 can also be flanged; without cable plug
CF W
5/2‑ or 3/2‑way solenoid
valve
With manual override
With changeover plate
5/2‑way: Pressurisation
via port (1). Therefore one
of the two ports (2) or (4)
is under pressure.
14
12
4
2
5 1 3
3/2‑way: Pressurisation
via port (1), normally
closed
12
4
2
3 1 5
6.0
NBR and
PUR
Stainless
steel
900
2…10
Form A
2
024/DC
131425 
o. r.
024/50…60
131426 
o. r.
110/50…60
131427 
o. r.
230/50…60
131428 
o. r.
6.0
NBR and
PUR
Brass
nickel plated
900
2…10
Form A
2
024/DC
131421 
o. r.
024/50…60
131422 
o. r.
110/50…60
131423 
o. r.
230/50…60
131424 
o. r.
1.) When the connecting sockets are made of stainless steel, then the mounting screws are also made of stainless steel.
2.) Measurement at 6 bar and + 20 °C at valve inlet and 1 bar pressure difference
3.) Pressure data: Overpressure to atmospheric pressure
o. r. = on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com