Electronic Components Datasheet Search
  English  ▼

X  

300 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 300
Description  3/2-Way Miniature Solenoid Valve, Direct-acting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

300 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  300 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 300 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 300 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 300 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 300 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 300 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Installation / Accessories
Operating Data (Actuator)
Operating Data (Valve)
Technical Data
Seal Materials/Fluids Handled/Temp.- Range
NBR
Neutral fluids, e.g. compressed air, town gas,
water, hydraulic oil, oils and fat without
additives
-10 to +90
°C
EPDM Oils and fat-free fluids, e.g. hot water
alkaline washing and bleaching lyes
-40 to +90
°C
FPM
Hot air, oxygen, per-solutions, hot oils
oils with additves
-10 to +100
°C
For more detailed information please refer to resistance
chart (Leaflet-No. 1896009).
Max. ambient temperature
+ 55
°C
Max. viscosity
21 mm2/s
Response times opening
12 ms
closing
8 ms
Times measured at outlet A or B from switching on until
pressure rise to 90 % / pressure drops to 10 % at a max.
working pressure of 6 bar.
Port connection
M5, G 1/8
Circuit Function
C 3/2-way valve, when de-energized,
outlet A exhausted
D 3/2-way valve, when de-energized,
outlet B pressurized
E Mixer valve, when de-energized
pressure port P2 open, P1
closed
Body Material
Body and seat of brass
Stainless steel 1.4305
Specifications
Orifice
Kv-Value
QNn-Value
Pressure Range 2)
Weight
DN
Water
Air 1)
at Circuit Function
D, C
E
M 5
G 1/8
[mm]
[m3/h]
[l/min]
[bar]
[bar]
[kg]
1,2
0,045
48
0-10
0,10
0,12
1,6
0,060
65
0- 6
0-3
0,10
0,12
1) Measured with 6 bar upstream pressure and 1 bar pressure drop across the valve at +20
°C., 2) Also suitable for vacuum.
All pressures quoted are gauge pressures with respect to the prevailing atmospheric pressure.
Operating voltages
24, 110, 240 V/50 Hz
12, 24 V/=
24 V battery voltage
Voltage tolerance
±10 %
Power consumption
AC 9 VA (inrush)
6 VA/ 4 W (hold)
DC 4 W
Duty cycle
100% continuously rated,
for multiple assembly
reduced duty cycle or use
2W version on request
Cycling rate
up to 1000 c.p.m
Rating
with cable plug and cable
IP65
Installation
as required, but preferably
with solenoid system upright
Electrical connection
• plug connection without cable
plug (supplied as standard)
• moulded-in cable on request
• moulded-in flying leads
on request
3/2-Way Miniature Solenoid Valve,
Direct-acting
Type 300



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com