Electronic Components Datasheet Search
  English  ▼

X  

301 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 301
Description  3/2-Way Miniature Solenoid Valve, Sub-base connection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

301 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  301 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 301 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 301 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 301 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Operating Data (Actuator)
Operating Data (Valve)
Technical Data
Circuit Function
3/2-way valve, when de-energized
outlet port A exhausted
3/2-way valve, when de-energized
outlet port B pressurized
C
D
Specifications
Orifice
Kv-Value
QNn-Value
Pressure Range 2)
Weight
DN
Water
Air 1)
threaded port
sub-base
[mm]
[m3/h]
[l/min]
[bar]
[kg]
[kg]
1,2
0,045
48
0-10
-
0,09
1,6
0,060
65
0- 6
0,12
0,09
1) Measured with 6 bar upstream pressure and 1 bar pressure drop across the valve at +20
°C.
2) Also suitable for technical vacuum.
All pressures quoted are gauge pressures with respect to the prevailing atmospheric pressure.
Seal Materials/Fluids Handled/Temp.- Range
NBR
Neutral fluids, e.g. compressed air, water,
hydraulic oil, oils and fat without additives,
town gas,
-10 to +90
°C
For more detailed information please refer to resistance
chart (Leaflet-No. 1896009).
Max. ambient temperature + 55
°C
Max. viscosity
21 mm2/s
Response times
opening
12 ms
closing
8 ms
Times measured at outlet A from switching on until
pressure rise to 90 % / pressure drops to 10 % at a max.
working pressure of 6 bar.
Port connection
sub-base or manifold
and G 1/8 banjo coupler for
direct installation to remotely
piloted valves
Operating voltages
24, 230, 240 V/50 Hz
12, 24 V/=
Voltage tolerance
±10 %
Power consumption
AC
9 VA (inrush)
6 VA/ 4 W (hold)
DC
4 W or 2 W depending on
version
Duty cycle
100% continuously rated for
manifold assembly use reduced
switch-on time or 2-W- version
Cycling rate
up to 1000 c.p.m
Rating with cable
plug, cable or lead
IP 65
Installation
as required, but preferably with
solenoid system upright
Electrical connection • plug connection without cable
plug (supplied as standard)
• moulded-in cable on request
• moulded-in flying leads
3 x 0,75 mm2, on request
• moulded-in flying leads
2 x 0,75 mm2, on request
Installation / Accessories
Body Material
Body and seat of brass
Body and seat of polyamide
Type 301
3/2-Way Miniature Solenoid Valve,
Sub-base connection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com