Electronic Components Datasheet Search
  English  ▼

X  

B25835 Datasheet(PDF) 5 Page - EPCOS

Part # B25835
Description  MKV AC capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25835 Datasheet(HTML) 5 Page - EPCOS

  B25835 Datasheet HTML 1Page - EPCOS B25835 Datasheet HTML 2Page - EPCOS B25835 Datasheet HTML 3Page - EPCOS B25835 Datasheet HTML 4Page - EPCOS B25835 Datasheet HTML 5Page - EPCOS B25835 Datasheet HTML 6Page - EPCOS B25835 Datasheet HTML 7Page - EPCOS B25835 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Please read
Cautions and warnings and
5
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping
B25835
VR = AC 2100 V
= 2600 V
vs = 3600 V
VTT = AC 2600 V, 10 s
0.47
18
750
1900
11.0
190 35
× 95
2
110
B25835M1474K007
0.68
18
1100
2700
8.7
190 40
× 95
1
140
B25835M1684K007
1.00
18
1600
4000
7.1
190 45
× 95
1
180
B25835M1105K007
2.20
18
1100
2800
13.0
250 60
× 131
1
440
B25835M1225K007
VN = AC 3400 V
= 4300 V
vs = 5800 V
VTT = AC 4300 V, 10 s
0.10
18
280
700
33.0
250 35
× 131
1
150
B25835M2104K007
0.15
18
400
1000
24.0
250 35
× 131
1
150
B25835M2154K007
0.22
18
600
1500
18.0
250 35
× 131
1
150
B25835M2224K007
0.33
18
900
2300
15.0
250 50
× 131
1
300
B25835M2334K007
0.47
18
1300
3300
12.0
250 50
× 131
1
300
B25835M2474K007
0.68
18
1900
4800
11.0
250 60
× 131
1
440
B25835M2684K007
Characteristics and ordering codes
CR1)
μF
Imax
A
î
A
Is
A
RS
20
°C
m
Ω
Lself
nH
Dimensions
d
× l
mm
Fig. Appr.
weight
g
Ordering code
1) Other capacitance values upon request
vˆ
vˆ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com