Electronic Components Datasheet Search
  English  ▼

X  

BCC0AEZ Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0AEZ
Description  T-Splitters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0AEZ Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0AEZ Datasheet HTML 1Page - Balluff Korea Ltd. BCC0AEZ Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T-Splitters
BCC M415-M415-M415-U0025-000
Order Code: BCC0AEZ
Internet
www.balluff.com
eCl@ss 9.1: 27-44-01-06
Subject to change without notice: 213466
ETIM 6.0: EC002062
BCC0AEZ_0.72_2023-02-20
1 / 2
Basic features
Approval/Conformity
WEEE
Electrical connection
Connection 1
M12x1-Male, 5-pin, A-coded
Connection 2
M12x1-Female, 5-pin, A-coded
Connection 3
M12x1-Female, 5-pin, A-coded
Number of pins
5/5/5
Electrical data
Operating voltage Ub
125 VDC / 125 VAC
Rated current (40 °C)
4.0 A
Environmental conditions
Ambient temperature
-20...80 °C
IP rating
IP67
Material
Material contacts
Copper alloy, gold plated/Copper
alloy, gold plated/Copper alloy,
gold plated
Material cover nut
Brass
nickel-plated/Brass
nickel-plated/Brass
nickel-plated
Material grip
PA 6.6
GF
Mechanical data
Tightening torque pigtail
0.6 Nm/-/-
Remarks
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.


Similar Part No. - BCC0AEZ

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0AE7 BALLUFF-BCC0AE7 Datasheet
91Kb / 2P
Bulk Cables
0.49_2022-07-16
BCC0AE8 BALLUFF-BCC0AE8 Datasheet
91Kb / 2P
Bulk Cables
0.43_2022-07-16
BCC0AE9 BALLUFF-BCC0AE9 Datasheet
91Kb / 2P
Bulk Cables
0.45_2022-07-16
BCC0AEA BALLUFF-BCC0AEA Datasheet
91Kb / 2P
Bulk Cables
0.45_2022-07-16
BCC0AEC BALLUFF-BCC0AEC Datasheet
90Kb / 2P
Bulk Cables
0.49_2022-07-15
More results

Similar Description - BCC0AEZ

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0A07 BALLUFF-BCC0A07 Datasheet
108Kb / 2P
Y-Splitters
0.87_2022-07-16
BCC0AFW BALLUFF-BCC0AFW Datasheet
110Kb / 2P
Y-Splitters
0.97_2022-07-16
BCC0AH0 BALLUFF-BCC0AH0 Datasheet
110Kb / 2P
Y-Splitters
0.91_2022-07-16
BCC0AK1 BALLUFF-BCC0AK1 Datasheet
116Kb / 2P
Y-Splitters
0.68_2022-07-16
BCC0AL3 BALLUFF-BCC0AL3 Datasheet
115Kb / 2P
Y-Splitters
0.82_2022-07-16
BCC0AL5 BALLUFF-BCC0AL5 Datasheet
115Kb / 2P
Y-Splitters
0.73_2022-07-16
BCC0ALK BALLUFF-BCC0ALK Datasheet
115Kb / 2P
Y-Splitters
0.77_2022-07-15
BCC0AM5 BALLUFF-BCC0AM5 Datasheet
113Kb / 2P
Y-Splitters
0.84_2022-07-16
BCC0AM6 BALLUFF-BCC0AM6 Datasheet
113Kb / 2P
Y-Splitters
0.85_2022-07-16
BCC0C9P BALLUFF-BCC0C9P Datasheet
116Kb / 2P
Y-Splitters
0.85_2022-07-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com