Electronic Components Datasheet Search
  English  ▼

X  

B78108S Datasheet(PDF) 2 Page - EPCOS

Part # B78108S
Description  Chokes and inductors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78108S Datasheet(HTML) 2 Page - EPCOS

  B78108S Datasheet HTML 1Page - EPCOS B78108S Datasheet HTML 2Page - EPCOS B78108S Datasheet HTML 3Page - EPCOS B78108S Datasheet HTML 4Page - EPCOS B78108S Datasheet HTML 5Page - EPCOS B78108S Datasheet HTML 6Page - EPCOS B78108S Datasheet HTML 7Page - EPCOS B78108S Datasheet HTML 8Page - EPCOS B78108S Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
11/05
RF chokes
BC series
B78108S
B78148S
Please read the Important notes at the end of
this document.
BC chokes (Bobbin Core)
Rated current 55 to 1200 mA
Rated inductance 1 to 4700
NH
Construction
■ Ferrite drum core
■ Winding: enamel copper wire
■ Flame-retardant lacquer coating
Features
■ Wide inductance range
■ Suitable for general-purpose application
■ Special versions available
■ RoHS-compatible (see page 6)
Applications
■ RF blocking and filtering
■ Decoupling and interference suppression
■ For antenna systems, automotive electronics,
energy-saving lamps, entertainment electronics
Terminals
■ Central axial leads, lead-free tinned
■ Radially bent to 5 mm lead spacing
Marking
Inductance indicated by color bands to IEC 60062
Delivery mode
Taped, Ammo and reel packing (see page 8)
Dimensional drawings
B78108S (axial leads, taped)
B78148S (central radial leads, taped)
IND0121-U
5
12,7
Minimum lead spacing 12.5 mm
Approx. weight 0.38 g
9.2 max.
11.5 max.
IND0429-B
6±0.5
65±1
lacquered/lackiert
(IEC 60294)
3.5 min.
53
Schematic drawing (details page 8)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com