Electronic Components Datasheet Search
  English  ▼

X  

8270LAB Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # 8270LAB
Description  1.8m E27 Contemporary Pendant Set - Antique Brass
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

8270LAB Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  8270LAB Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
8270LAB
DESCRIPTION
1.8m E27 Contemporary Pendant Set - Antique Brass
NET WEIGHT (KG)
0.297
FINISH
Antique Brass
DIMENSIONS (MM)
Diameter - 40
Base Diameter - 92
Base Height - 34
CONSTRUCTION
Construction - Premium grade steel
CLASS
II
IP RATING
IP20
MAX. WATTAGE (W)
60
LAMP BASE
E27
LAMP INCLUDED
No
DIMMABLE
Lamp dependent
INPUT VOLTAGE
230V 50Hz
EARTH TERMINAL
Yes
LOAD/MAX. LOAD
T2 rated 80W Incandescent / LED
TERMINAL CAPACITY
2 x 1.0mm² or 2 x 1.5mm²
ADDITIONAL FEATURES
Long skirt
FUNCTION
3-plate
WARRANTY
3year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60598
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270859409
Date Created: 28/03/2024 00:24
www.mlaccessories.co.uk
8270LAB
1.8m E27 Contemporary Pendant Set - Antique
Brass


Similar Part No. - 8270LAB

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
8270LAT KNIGHTSBRIDGE-8270LAT Datasheet
132Kb / 1P
LOAD/MAX. LOAD T2 rated 80W Incandescent / LED
28/03/2024
More results

Similar Description - 8270LAB

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
IBAAXS OPTOSUPPLY-IBAAXS Datasheet
67Kb / 2P
PRODUCT SPECIFICATION FOR E27 LED Bulb
IBACXS OPTOSUPPLY-IBACXS Datasheet
65Kb / 2P
PRODUCT SPECIFICATION FOR E27 LED Bulb
logo
Marl International Limi...
217 MARL-217 Datasheet
284Kb / 5P
Direct replacement for E27 (European Standard)
logo
PARA LIGHT ELECTRONICS ...
E27F8WCWE0-A19C1 PARALIGHT-E27F8WCWE0-A19C1 Datasheet
247Kb / 6P
LED A19 E27 Light Bulb
E27F10WXXE1-A22C PARALIGHT-E27F10WXXE1-A22C Datasheet
240Kb / 6P
LED A22 E27 Light Bulb
logo
Ralston Instruments.
QTFT-1MB1 RALSTON-QTFT-1MB1_19 Datasheet
543Kb / 1P
Brass
QTFT-3MB1 RALSTON-QTFT-3MB1_19 Datasheet
485Kb / 1P
Brass
QTHA-2TB0 RALSTON-QTHA-2TB0_19 Datasheet
343Kb / 1P
Brass
QTHA-MTB0-6MM RALSTON-QTHA-MTB0-6MM_19 Datasheet
662Kb / 1P
Brass
logo
FIBOX Enclosing innovat...
7700101 FIBOX-7700101 Datasheet
46Kb / 1P
Brass insert set for PC/ABS
11.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com