Electronic Components Datasheet Search
  English  ▼

X  

SD05CWS Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SD05CWS
Description  Bi-directional TVS Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SD05CWS Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SD05CWS Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SD05CWS Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SD05CWS Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage@IPP
VRWM
Reverse Working Voltage
IR
Maximum Reverse Leakage Current
IT
Test Current
VBR
Breakdown Voltage@IT
IF
Forward Current
VF
Forward Voltage@IF
CJ
Junction Capacitance
Characteristics Curves
0
5
10
15
20
25
30
0
20
40
60
80
100
120
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
90
100
110
Ambient Temperature - TA(¡ã
C)
Fig 3. Power Derating Curve
Fig 1. 8/20us Pulse Waveform
Fig 2. ESD Pulse Waveform (according to IEC 61000-4-2)
t-Time(us)
Fig 4. VC vs. IPP
0
5
10
15
20
25
30
10
20
30
40
50
0
Peak Pulse Current (A)
100%
90%
Time(ns)
10%
0.7~1ns
30ns
60ns
tf=8us
tp=20us(Ipp/2)
SD05CWS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com