Electronic Components Datasheet Search
  English  ▼

X  

SD36C Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SD36C
Description  Unidirectional TVS Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SD36C Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SD36C Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SD36C Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Unidirectional TVS Diodes
Description
The SDxxC Series is designed for applications requiring transient over voltage protection capability. They are
intended for use in voltage and ESD sensitive equipment such as computers, printers, business machines,
communication systems, medical equipment and other applications. These devices are ideal for situations
where board space is at a premium.
This series has been specifically designed to protect sensitive components which are connected to power,
date and transmission lines from overvoltage caused by ESD (electrostatic discharge), CDE(Cable
Discharge Events), and EFT (electrical fast transients).
Features
IEC61000-4-2(ESD) ±15kV(air), ±8kV(contact)
IEC61000-4-4(EFT) 40A(5/50ηs)
350Watts Peak Pulse Power per (tp=8/20us)
Protects one I/O line(unidirectional)
Low clamping voltage
Working voltages:
3V, 5V, 8V, 12V, 15V, 18V, 20V, 24V, 36V
Low leakage current
Mechanical Data
SOD-323 Package
Flammability Rating: UL 94V-0
High temperature soldering guaranteed: 260℃/10s
Applications
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants(PDA’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Networking and Telecom
Serial and Parallel Ports
Peripherals
ABSOLUTE MACIMUM RATING
Parameters
Symbol
Value
Unit
ESD per IEC61000-4-2(Air)
ESD per IEC61000-4-2(Contact)
VESD
±
30
kV
Peak Pulse Power (8/20us)
PPP
350
W
Operating temperature
TOPT
-55-+150
℃
Storage temperature range
TSTG
-55-+150
℃
Lead Soldering temperature
TL
260(10 sec.)
℃
Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise specified).
PART
NUMBER
DEVICE
MARKING
VRWM
(V)
(max.)
VB
(V)
(min.)
IT
(mA)
Vc@1A
(V)
(max.)
Vc
(V)
(max.) (@A)
IR
(uA)
(max.)
CT
(pF)
(max.)
SD03C
2A
3.3
4.0
1
7.5
13.0
20
40
450
SD05C
AB
5.0
6.0
1
9.8
18.0
17
10
200
SD08C
2C
8.0
8.5
1
13.4
24.0
15
2
120
SD12C
2D
12.0
13.3
1
19.0
32.0
11
1
75
SD15C
2J
15.0
16.7
1
24.0
38.0
10
1
68
SD18C
2K
18.0
20.0
1
29.0
45.0
9
1
57
SD20C
2L
20.0
22.3
1
35.0
50.0
8
1
52
SD24C
2H
24.0
26.7
1
43.0
52.0
7
1
50
SD36C
2N
36.0
40.0
1
60.0
75.0
5
1
35
xxC-SERIES
SD
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Package outline
Pin Configuration
Ordering Information
Device: SDxxC
Package: SOD-323
Material: Halogen free
Packing: Tape & Reel
Quantity per reel: 3,000pcs


Similar Part No. - SD36C

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SD36C DIOTECH-SD36C Datasheet
777Kb / 3P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SD36C LEIDITECH-SD36C Datasheet
133Kb / 3P
USB 2.0 power and data line
logo
SHIKUES Electronics
SD36C SKTECHNOLGY-SD36C Datasheet
709Kb / 3P
Bidirectional TVS Diodes
logo
TECH PUBLIC Electronics...
SD36C TECHPUBLIC-SD36C Datasheet
1Mb / 4P
Bl-directional TVS Diode
logo
SMC Diode Solutions Co....
SD36C SMCDIODE-SD36C Datasheet
285Kb / 6P
TVS ARRAY
Rev. C
More results

Similar Description - SD36C

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
Unidirectional TVS Diodes
logo
Littelfuse
SC1105-01UTG LITTELFUSE-SC1105-01UTG Datasheet
1Mb / 6P
TVS Diode Arrays (SPA ? Diodes) SC11xx Series Discrete Unidirectional TVS Diode
Revision: 10/16/20
logo
AiT Semiconductor Inc.
SD03 AITSEMI-SD03 Datasheet
372Kb / 5P
350W UNIDIRECTIONAL TVS DIODES
REV1.0
logo
Guangdong Youtai Semico...
SD03 UMW-SD03 Datasheet
435Kb / 3P
Unidirectional TVS Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com