Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA181
Description  INAx181-Q1 Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA181 Datasheet HTML 9Page - Texas Instruments INA181 Datasheet HTML 10Page - Texas Instruments INA181 Datasheet HTML 11Page - Texas Instruments INA181 Datasheet HTML 12Page - Texas Instruments INA181 Datasheet HTML 13Page - Texas Instruments INA181 Datasheet HTML 14Page - Texas Instruments INA181 Datasheet HTML 15Page - Texas Instruments INA181 Datasheet HTML 16Page - Texas Instruments INA181 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VREF = VS / 2, and VIN+ = 12 V (unless otherwise noted)
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
650
655
660
665
670
675
680
685
690
695
700
705
710
D038
Figure 6-25. Quiescent Current vs Temperature (INA4181-Q1)
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
150
200
250
300
350
400
D031
Figure 6-26. IQ vs Common-Mode Voltage (INA181-Q1)
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
300
350
400
450
500
550
600
650
700
750
D031
Figure 6-27. IQ vs Common-Mode Voltage (INA2181-Q1)
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
550
650
750
850
950
1050
1150
1250
1350
1450
D039
Figure 6-28. IQ vs Common-Mode Voltage (INA4181-Q1)
Frequency (Hz)
10
20
30
40
50
60
70
80
100
10
100
1k
10k
100k
1M
D024
Figure 6-29. Input-Referred Voltage Noise vs Frequency (A3
Devices)
Time (1 s/div)
D025
Figure 6-30. 0.1-Hz to 10-Hz Voltage Noise (Referred-to-Input)
www.ti.com
INA181-Q1, INA2181-Q1, INA4181-Q1
SLYS018E – APRIL 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA181-Q1 INA2181-Q1 INA4181-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com