Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT244 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT244
Description  SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT244 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ACT244 Datasheet HTML 1Page - Texas Instruments SN74ACT244 Datasheet HTML 2Page - Texas Instruments SN74ACT244 Datasheet HTML 3Page - Texas Instruments SN74ACT244 Datasheet HTML 4Page - Texas Instruments SN74ACT244 Datasheet HTML 5Page - Texas Instruments SN74ACT244 Datasheet HTML 6Page - Texas Instruments SN74ACT244 Datasheet HTML 7Page - Texas Instruments SN74ACT244 Datasheet HTML 8Page - Texas Instruments SN74ACT244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
SNx4ACT244
UNIT
DB
(SSOP)
DGS
(VSSOP)
DW
(SOIC)
N
(PDIP)
NS
(SO)
PW
(TSSOP)
RKS
(VQFN)
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal
resistance
117.2
123.5
101.2
48.1
106.2
126.2
67.7
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
76.9
62.1
68.2
34.1
72
68.7
72.4
°C/W
RθJB
Junction-to-board thermal
resistance
72.1
78.5
69.7
29
71.2
77.3
40.4
°C/W
ψJT
Junction-to-top
characterization parameter
43.1
7.8
44.1
19.5
42.4
22.3
10.3
°C/W
ψJB
Junction-to-board
characterization parameter
71.7
78.0
69.2
28.9
70.9
76.9
40.4
°C/W
RθJC(bot)
Junction-to-case (bottom)
thermal resistance
N/A
N/A
N/A
N/A
N/A
N/A
24.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VOH
IOH = –50 µA
TA = 25°C
4.5 V
4.4
4.49
V
SN54ACT244
4.4
SN74ACT244
4.4
TA = 25°C
5.5 V
5.4
5.49
SN54ACT244
5.4
SN74ACT244
5.4
IOH = –24 mA
TA = 25°C
4.5 V
3.86
SN54ACT244
3.7
SN74ACT244
3.76
TA = 25°C
5.5 V
4.86
SN54ACT244
4.7
SN74ACT244
4.76
IOH = –50 mA(1)
SN54ACT244
5.5 V
3.85
IOH = –75 mA(1)
SN74ACT244
5.5 V
3.85
www.ti.com
SN54ACT244, SN74ACT244
SCAS517G – JUNE 1995 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN54ACT244 SN74ACT244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com