Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM73
Description  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM73_06 Datasheet HTML 10Page - National Semiconductor (TI) LM73_06 Datasheet HTML 11Page - National Semiconductor (TI) LM73_06 Datasheet HTML 12Page - National Semiconductor (TI) LM73_06 Datasheet HTML 13Page - National Semiconductor (TI) LM73_06 Datasheet HTML 14Page - National Semiconductor (TI) LM73_06 Datasheet HTML 15Page - National Semiconductor (TI) LM73_06 Datasheet HTML 16Page - National Semiconductor (TI) LM73_06 Datasheet HTML 17Page - National Semiconductor (TI) LM73_06 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
2.0 LM73 Registers (Continued)
2.7 IDENTIFICATION REGISTER
Pointer Address 07h (Read Only)
Reset State: 0190h
D15
D14
D13
D12
D11
D10
D9
D8
0
000000
1
D7
D6
D5
D4
D3
D2
D1
D0
1
001000
0
Bits
Name
Description
15:8
Manufacturer
Identification Byte
Always returns 01h to uniquely identify the manufacturer as National Semiconductor
Corporation.
7:4
Product Identification
Nibble
Always returns 9h to uniquely identify this part as the LM73 Temperature Sensor.
3:0
Die Revision Step
Nibble
Always returns 0h to uniquely identify the revision as level zero.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com