Electronic Components Datasheet Search
  English  ▼

X  

LM2991 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2991
Description  Negative Low Dropout Adjustable Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2991 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2991 Datasheet HTML 2Page - National Semiconductor (TI) LM2991 Datasheet HTML 3Page - National Semiconductor (TI) LM2991 Datasheet HTML 4Page - National Semiconductor (TI) LM2991 Datasheet HTML 5Page - National Semiconductor (TI) LM2991 Datasheet HTML 6Page - National Semiconductor (TI) LM2991 Datasheet HTML 7Page - National Semiconductor (TI) LM2991 Datasheet HTML 8Page - National Semiconductor (TI) LM2991 Datasheet HTML 9Page - National Semiconductor (TI) LM2991 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Application Hints (Continued)
MINIMUM LOAD
A minimum load current of 500 µA is required for proper op-
eration. The external resistor divider can provide the mini-
mum load, with the resistor from the adjust pin to ground set
to 2.4 k
Ω.
SETTING THE OUTPUT VOLTAGE
The output voltage of the LM2991 is set externally by a resis-
tor divider using the following equation:
V
OUT =VREF x(1+R2/R1)−(IADJ xR2)
where V
REF
= −1.21V. The output voltage can be pro-
grammed within the range of −3V to −24V, typically an even
greater range of −2V to −25V. The adjust pin current is about
60 nA, causing a slight error in the output voltage. However,
using resistors lower than 100 k
Ω makes the adjust pin cur-
rent negligible. For example, neglecting the adjust pin cur-
rent, and setting R2 to 100 k
Ω and V
OUT to −5V, results in an
output voltage error of only 0.16%.
ON/OFF PIN
The LM2991 regulator can be turned off by applying a TTL or
CMOS level high signal to the ON/OFF pin (see Adjustable
Current Sink Application).
FORCING THE OUTPUT POSITIVE
Due to an internal clamp circuit, the LM2991 can withstand
positive voltages on its output. If the voltage source pulling
the output positive is DC, the current must be limited to 1.5A.
A current over 1.5A fed back into the LM2991 could damage
the device. The LM2991 output can also withstand fast posi-
tive voltage transients up to 26V, without any current limiting
of the source. However, if the transients have a duration of
over 1 ms, the output should be clamped with a Schottky di-
ode to ground.
Typical Applications
Output Capacitor ESR Range
DS011260-5
Fully Isolated Post-Switcher Regulator
DS011260-6
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com