Electronic Components Datasheet Search
  English  ▼

X  

LM1771TSD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1771TSD
Description  Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1771TSD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1771TSD Datasheet HTML 1Page - National Semiconductor (TI) LM1771TSD Datasheet HTML 2Page - National Semiconductor (TI) LM1771TSD Datasheet HTML 3Page - National Semiconductor (TI) LM1771TSD Datasheet HTML 4Page - National Semiconductor (TI) LM1771TSD Datasheet HTML 5Page - National Semiconductor (TI) LM1771TSD Datasheet HTML 6Page - National Semiconductor (TI) LM1771TSD Datasheet HTML 7Page - National Semiconductor (TI) LM1771TSD Datasheet HTML 8Page - National Semiconductor (TI) LM1771TSD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM1771
Low-Voltage Synchronous Buck Controller with
Precision Enable and No External Compensation
General Description
The LM1771 is an efficient synchronous buck switching con-
troller with a precision enable requiring no external compen-
sation. The constant on-time control scheme provides a
simple design free of compensation components, allowing
minimal component count and board space. The precision
enable pin allows flexibility in sequencing multiple rails and
setting UVLO. The LM1771 also incorporates a unique input
feed-forward to maintain a constant frequency independent
of the input voltage. The LM1771 is optimized for a low
voltage input range of 2.8V to 5.5V and can provide an
adjustable output as low as 0.8V. Driving an external high
side PFET and low side NFET it can provide efficiencies as
high as 95%.
Three versions of the LM1771 are available depending on
the switching frequency desired for the application. Nominal
switching frequencies are in the range of 100kHz to
1000kHz.
Features
n
Input voltage range of 2.8V to 5.5V
n
0.8V reference voltage
n
Precision enable
n
No compensation required
n
Constant frequency across input range
n
Low quiescent current of 400 µA
n
Internal soft-start
n
Short circuit protection
n
Tiny LLP-6 package and MSOP-8 package
Applications
n
Simple To Design, High Efficiency Step Down Switching
Regulators
n
FPGAs, DSPs, and ASIC Power Supplies
n
Set-Top Boxes
n
Cable Modems
n
Printers
n
Digital Video Recorders
n
Servers
n
Graphic Cards
Typical Application Circuit
20189001
October 2006
© 2006 National Semiconductor Corporation
DS201890
www.national.com


Similar Part No. - LM1771TSD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1771TSD NSC-LM1771TSD Datasheet
1Mb / 18P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Texas Instruments
LM1771TSD TI1-LM1771TSD Datasheet
1Mb / 31P
Low-Voltage Synchronous Buck Controller
LM1771TSD/NOPB TI1-LM1771TSD/NOPB Datasheet
1Mb / 31P
Low-Voltage Synchronous Buck Controller
logo
National Semiconductor ...
LM1771TSDX NSC-LM1771TSDX Datasheet
1Mb / 18P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
More results

Similar Description - LM1771TSD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Intersil Corporation
ISL95873 INTERSIL-ISL95873 Datasheet
533Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
December 10, 2012
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM1771 TI-LM1771_15 Datasheet
1Mb / 26P
LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Microchip Technology
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
No External Compensation
11/07/16
MIC24053 MICROCHIP-MIC24053 Datasheet
544Kb / 32P
No External Compensation
11/07/16
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com