Electronic Components Datasheet Search
  English  ▼

X  

S07K14 Datasheet(PDF) 3 Page - EPCOS

Part # S07K14
Description  Leaded Varistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S07K14 Datasheet(HTML) 3 Page - EPCOS

  S07K14 Datasheet HTML 1Page - EPCOS S07K14 Datasheet HTML 2Page - EPCOS S07K14 Datasheet HTML 3Page - EPCOS S07K14 Datasheet HTML 4Page - EPCOS S07K14 Datasheet HTML 5Page - EPCOS S07K14 Datasheet HTML 6Page - EPCOS S07K14 Datasheet HTML 7Page - EPCOS S07K14 Datasheet HTML 8Page - EPCOS S07K14 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
161 04/02
Characteristics (TA = 25 °C)
Type
(untaped)
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
S05K11
18
± 10
36
1,0
1750
246
274
S07K11
18
± 10
36
2,5
2750
246
275
S10K11
18
± 10
36
5,0
6250
248
276
S14K11
18
± 10
36
10,0
12100
249
277
S20K11
18
± 10
36
20,0
23000
251
278
S05K14
22
± 10
43
1,0
1450
246
274
S07K14
22
± 10
43
2,5
2300
246
275
S10K14
22
± 10
43
5,0
5200
248
276
S14K14
22
± 10
43
10,0
9950
249
277
S20K14
22
± 10
43
20,0
19000
251
278
S05K17
27
± 10
53
1,0
1200
246
274
S07K17
27
± 10
53
2,5
1900
246
275
S10K17
27
± 10
53
5,0
4350
248
276
S14K17
27
± 10
53
10,0
8200
249
277
S20K17
27
± 10
53
20,0
15600
251
278
S05K20
33
± 10
65
1,0
980
246
274
S07K20
33
± 10
65
2,5
1600
246
275
S10K20
33
± 10
65
5,0
3650
248
276
S14K20
33
± 10
65
10,0
6800
249
277
S20K20
33
± 10
65
20,0
13000
251
278
S05K25
39
± 10
77
1,0
850
246
274
S07K25
39
± 10
77
2,5
1400
246
275
S10K25
39
± 10
77
5,0
3200
248
276
S14K25
39
± 10
77
10,0
5850
249
277
S20K25
39
± 10
77
20,0
11100
251
278
S05K30
47
± 10
93
1,0
720
246
274
S07K30
47
± 10
93
2,5
1200
246
275
S10K30
47
± 10
93
5,0
2750
248
276
S14K30
47
± 10
93
10,0
4950
249
277
S20K30
47
± 10
93
20,0
9350
251
278
StandarD Series
Leaded Varistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com