Electronic Components Datasheet Search
  English  ▼

X  

LM1771TMM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1771TMM
Description  Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1771TMM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1771TMM Datasheet HTML 2Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 3Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 4Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 5Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 6Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 7Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 8Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 9Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Typical Performance Characteristics All curves taken at VIN = 3.3V with configuration in typical
application circuit shown in Application Information section of this datasheet. T
J = 25˚C, unless otherwise
specified. (Continued)
Quiescent Current vs Temperature
Deadtime vs Temperature
20189016
20189015
Efficiency vs I
OUT (LM1771T)
(V
IN = 5V, VOUT = 1.8V, FSW = 545kHz)
Efficiency vs I
OUT (LM1771U)
(V
IN = 5V, VOUT = 2.5V, FSW = 379kHz)
20189004
20189003
Efficiency vs I
OUT (LM1771U)
(V
IN = 5V, VOUT = 3.3V, FSW = 500kHz)
Efficiency vs I
OUT (LM1771S)
(V
IN = 5V, VOUT = 1.2V, FSW = 727kHz)
20189005
20189006
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com