Electronic Components Datasheet Search
  English  ▼

X  

3702 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 3702
Description  ROTARY MOTION | PRECISION SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

3702 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  3702 Datasheet HTML 1Page - Sensata Technologies, Inc. 3702 Datasheet HTML 2Page - Sensata Technologies, Inc. 3702 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
DIMENSIONS
Mechanical
Environmental
Temperature Range (°C) Standard
-55 to + 125
THEORETICAL RESOLUTION- For typical coll characteristics by model number and resistance value, see Resolution Tables.
ALL MODELS are manufactured to meet or exceed applicable characteristics of MIL-R-12934. For MILITARY-APPROVED (QPL) Listings.
TOLERANCES UNLESS OTHERWISE SPECIFIED:
FRACTIONAL: ±1/64" DECIMAL: ±.005" ANGULAR: ±1°
Dimensions are in in[mm]
3205 /
3206
3705
3208 /
3209
3202 /
3203
3702
3605
3232 /
3233
3602
Total Mechanical Travel
1080° +4°-0°
3600° +4°-0°
1080° +4°-0°
3600° +4°-0°
Mechanical Life Shaft Revolutions
2 million
Ganged Cups, Max. (Number)
3
2
3
2
Taps, Max., Excluding End Terminations
10
52
22
46
135
52
46
135
Moment Of Inertia, Per Cup (gm-cm2)
0.25
7
0.3
0.4
12
7
0.4
12
Weight: Single Cup (oz.)
0.9
3.3
1.0
1.3
4.5
2.5
1.3
3.7
Each Additional Cup(oz.)
0.7
1.6
0.8
1.0
2.7
1.6
1.0
2.5
Torque, Max. Per Cup (oz. in)
0.5
1.5
0.5
1.5
0.6
1.5
Pilot Diameter Runout, Max.
.0015
.002
Lateral Runout, Max.
.003
.0025
.003
.0025
.003
.005
.003
Shaft Runout, Max.
.001
.002
.001
Shaft Radial, Max.
.003
.002
.003
.002
.004
.003
Shaft End, Max.
.005
.010
.005
Dimension For Each Additional Cup
.823±.002 .943±.002 .966±.002 1.323±.002 1.720±.002
.943±.005
1.323±.002 1.720±.005
Stop Strenght Static (oz.-in)
128
1000
128
1000
750
100
750



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com