Electronic Components Datasheet Search
  English  ▼

X  

ES20 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # ES20
Description  ENVIRONMENTALLY SEALED INCREMENTAL ENCODER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

ES20 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  ES20 Datasheet HTML 1Page - Sensata Technologies, Inc. ES20 Datasheet HTML 2Page - Sensata Technologies, Inc. ES20 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
ENVIRONMENTAL SPECIFICATIONS
TABLE 1: RESOLUTIONS
Temperature
Operating, 0° to 70°C; storage (non-operating), -25° to 90°C.
Consult factory for extended temperature ratings.
Shock
25 g’s for 11 msec duration
Vibration
5 to 2000 Hz @ 10 g’s
Humidity
100% RH with condensation
Enclosure Rating
IP67 / IP68 (Consult factory for IP68 applications)
1*
2
3
5
6
8
10
11
12
24
25
30
32
40
50
60
64
70
75
80
100
105
112
155
120
125
150
192
200
240
250
256
300
336
360
400
410
500
510
512
600
720
785
1000
1024
*No index.
TABLE 2: OUTPUT TERMINATIONS / OUTPUT WAVEFORM
DIMENSIONS
M18 Connector
PIN
Channel
A
A
B
B
C
Z
D
+V
E
-
F
0V
G
CG
H
A/
I
B/
J
Z/
Magnetic Hub Bore .250”
BEI Part No. 924-38540-250
(supplied with encoder)
Consult factory for other bore sizes
HI
LO
ES20
37
500
ABZC
S
28V/V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com