Electronic Components Datasheet Search
  English  ▼

X  

ES25 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # ES25
Description  Environmentally Sealed Incremental Encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

ES25 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  ES25 Datasheet HTML 1Page - Sensata Technologies, Inc. ES25 Datasheet HTML 2Page - Sensata Technologies, Inc. ES25 Datasheet HTML 3Page - Sensata Technologies, Inc. ES25 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
ENVIRONMENTAL SPECIFICATIONS
TABLE 1: RESOLUTIONS
1
2
3
5
6
8
10
11
13
16
20
24
25
26
30
32
33
34
36
37
40
45
48
50
51
60
64
66
72
75
80
86
88
90
100
102
120
122
125
127
128
132
144
148
150
158
160
175
176
180
187
TABLE 2: OUTPUT TERMINATIONS / OUTPUT WAVEFORM
M18 Connector
PIN
Channel
A
A
B
B
C
Z
D
+V
E
-
F
0V
G
CG
H
A/
I
B/
J
Z/
192
200
202
217
220
240
250
254
255
256
274
280
283
288
292
300
312
320
321
325
360
366
372
375
377
380
381
384
385
393
400
430
432
450
462
480
490
500
502
508
512
522
530
550
576
598
600
604
625
628
635
638
640
660
687
690
700
720
725
735
740
744
748
750
762
768
780
785
800
812
825
850
864
878
888
900
912
914
938
942
955
960
1000
1016
1024
1030
1035
1036
1040
1054
1056
1074
1076
1080
1088
1100
1101
1125
1136
1200
1237
1250
1257
1270
1280
1300
1314
1332
1333
1390
1400
1414
1427
1440
1484
1500
1562
1570
1596
1600
1650
1666
1718
1745
1774
1800
1850
1855
1875
1894
1920
1952
1968
1979
1995
2000
2048
Temperature
Operating, 0° to 70°C; storage (non-operating), -25° to 90°C.
Consult factory for extended temperature ratings.
Shock
25 g’s for 11 msec duration
Vibration
5 to 2000 Hz @ 10 g’s
Humidity
100% RH with condensation
Enclosure Rating
IP67 / IP68 (Consult factory for IP68 applications)
NOTE: Index location is displaced 180° (mechanical)
on second output with dual output option.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com