Electronic Components Datasheet Search
  English  ▼

X  

EX11 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # EX11
Description  MINIATURE INCREMENTAL ROTARY OPTICAL ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

EX11 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  EX11 Datasheet HTML 1Page - Sensata Technologies, Inc. EX11 Datasheet HTML 2Page - Sensata Technologies, Inc. EX11 Datasheet HTML 3Page - Sensata Technologies, Inc. EX11 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Code
Incremental
Pulses per revolutions (PPR)
See “Ordering Options”
Supply Voltage
5 volts ±5% @ 80mA max.
Output Format
Dual channel Quadrature and index with complements
(no index on EX112)
Output Type
EX116 : Line driver 26LS31 or equivalent should be terminated
into a line receiver
EX112/EX113: Buffer driver 74F365 and 74F368 or equivalent.
(not open collector)
Rise Time
1.0μ sec. max.
Frequency Response
See Graph - Fig 3
ELECTRICAL SPECIFICATIONS
Temperature
Operating: 0°C to +°70C
Storage: -25°C to +90°C
Termination Type
28 AWG flat ribbon cable with 10 position connector FXI-Berg
P/N 6690-310 or equivalent
Mates with FCI-Berg P/N 65863-165 or equivalent
(mating connector not provided)
ENVIRONMENTAL SPECIFICATIONS
DIMENSIONS
All dimensions are in: inches [millimeters]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com