Electronic Components Datasheet Search
  English  ▼

X  

FHK5 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # FHK5
Description  PROFIBUS ABSOLUTE SINGLE-TURN ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

FHK5 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  FHK5 Datasheet HTML 1Page - Sensata Technologies, Inc. FHK5 Datasheet HTML 2Page - Sensata Technologies, Inc. FHK5 Datasheet HTML 3Page - Sensata Technologies, Inc. FHK5 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2021 Sensata Technologies, Inc.
Counting Direction
This parameter counting direction defines whether the output code increases or decreases when the
shaft rotates clockwise.
Resolution
(positions per turns)
The parameter ‘resolution per revolution’ is used to program the desired number of steps per revolution.
Each value between 1 and the physical resolution per revolution can be programmed
Reset (RAX)
The preset value is the desired position value, which should be reached at a certain physical position of
the axis. The position value is set to the desired process value by the parameter preset
Velocity
The implemented software can additionally deliver the current velocity. This value is transmitted in
binary code, 16 Bit, in addition to the process value
It is possible to choose between four different units: steps per 10 ms, per 100 ms, per 1000 ms and
revolutions per minute
Software limit switches
function
Two software limit switches can be set. If the position value falls below the lower or exceeds the higher
limit switch, a status bit in the process value is set
PROGRAMMABLE PARAMETERS
INTERFACE
The Profibus-DP interface supports CLASS 1 and CLASS 2 functionality according to the encoder profile. In addition to these functions the GSD-file
supports further features, for example software limit switches. Further more, the following encoder parameters can be programmed directly via the
The rotary encoder is connected by two or three cables, depending on whether the power supply is integrated into
the bus cable or connected separately. If the power supply is integrated into the bus cable one of the cable glands
can be fitted with a plug. The cable glands are suitable for cable diameters from 6.5 up to 9 mm
The Profibus-DP device address is set by user-friendly rotary switches in the connection cap. Allowed addresses
are between 1 and 99, each can only be used once. The connection cap can easily be opened for installation by
removing the two cap screws
Termination resistors are integrated in the connection cap. These must be switched on if the encoder is connected
Interface
ISO 11898
Transmission rate
Max 12 MBauds
Device addressing
by rotary switches
Power supply
10 – 30Vdc
Current consumption
max 100mA (24Vdc)
Power consumption
max 2,5W
Step Frequency LSB
800 kHz
Accuracy
+ ½ LSB
EMC
EN 61000-6-4 EN 61000-6-2
Electrical



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com