Electronic Components Datasheet Search
  English  ▼

X  

B41605 Datasheet(PDF) 4 Page - EPCOS

Part # B41605
Description  Large size Aluminum electrolytic capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41605 Datasheet(HTML) 4 Page - EPCOS

  B41605 Datasheet HTML 1Page - EPCOS B41605 Datasheet HTML 2Page - EPCOS B41605 Datasheet HTML 3Page - EPCOS B41605 Datasheet HTML 4Page - EPCOS B41605 Datasheet HTML 5Page - EPCOS B41605 Datasheet HTML 6Page - EPCOS B41605 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
EPCOS AG
Data sheet
B41605
Technical data, case dimensions and ordering codes
25
5000
22 x 40
22
30
115
28
27
10.0
5.1
3.1
B41605A5508M***
6800
25 x 40
15
21
80
18
18
13.5
6.9
4.1
B41605A5688M***
10000
25 x 50
11
15
55
13
13
17.2
8.8
5.3
B41605A5109M***
13000
30 x 50
10
14
45
12
12
18.8
9.6
5.8
B41605A5139M***
20000
35 x 50
9
12
32
12
12
19.0
9.7
5.8
B41605A5209M***
40
3000
22 x 40
25
35
115
29
27
9.8
5.0
3.0
B41605A7308M***
3800
25 x 40
18
25
80
18
18
13.5
6.9
4.1
B41605A7388M***
5400
25 x 50
13
18
60
14
14
17.2
8.8
5.3
B41605A7548M***
55
1800
22 x 40
30
43
115
29
27
9.8
5.0
3.0
B41605A0188M***
2700
25 x 40
19
27
80
18
18
13.5
6.9
4.1
B41605A0278M***
3600
25 x 50
15
21
60
13
13
17.2
8.8
5.3
B41605A0368M***
5000
30 x 50
12
17
45
12
12
18.7
9.6
5.8
B41605A0508M***
7000
35 x 50
11
15
35
12
12
19.1
9.8
5.9
B41605A0708M***
63
1500
22 x 40
32
44
115
28
27
9.6
4.9
2.9
B41605A8158M***
2100
25 x 40
22
30
85
18
18
13.5
6.9
4.1
B41605A8218M***
2700
25 x 50
17
24
65
14
14
17.2
8.8
5.3
B41605A8278M***
4000
30 x 50
13
18
45
12
12
18.7
9.6
5.8
B41605A8408M***
5600
35 x 50
11
16
35
12
12
19.1
9.8
5.9
B41605A8568M***
VR
CR
Case
ESRtyp
ESRmax ESRmax ESRmax Zmax
I~max
I~R
I~max
Ordering code
100 Hz
dimensions 100 Hz
100 Hz
100 Hz
10 kHz
100 kHz 10 kHz
10 kHz
10 kHz
20 °C
d x l
20 °C
20 °C
–40 °C
20 °C
20 °C
105 °C
125 °C
140 °C
VDC
µF
mm
m
Ω
m
Ω
m
Ω
m
Ω
m
Ω
AA
A
*** = "002" for snap-in version with 3 terminals (protection against polarity reversal), fully insulated.
"009" for 40 g vibration stability version with wired terminals, fully insulated.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com