Electronic Components Datasheet Search
  English  ▼

X  

MHK5 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # MHK5
Description  CANOPEN ABSOLUTE MULTI-TURN ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MHK5 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  MHK5 Datasheet HTML 1Page - Sensata Technologies, Inc. MHK5 Datasheet HTML 2Page - Sensata Technologies, Inc. MHK5 Datasheet HTML 3Page - Sensata Technologies, Inc. MHK5 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2021 Sensata Technologies, Inc.
Interface
ISO 11898
Transmission Rate
Max 1 MBauds
Device Addressing
by rotary switches
Power Supply
10 – 30Vdc
Current Consumption
Max 100mA (24Vdc)
Power Consumption
max 2,5W
Step Frequency LSB
800 kHz
Accuracy
+ ½ LSB
EMC
EN 61000-6-4 EN 61000-6-2
Electrical Lifetime
> 105 h
Operating Parameters
This parameter determines the counting direction, in which the output code increases or
decreases. As an important operating parameter the code sequence (complement) can be
programmed
Resolution Per Turn
Value between 1 and 8192 can be programmed
Total Resolution “Max Range”
This parameter is used to program the desired number of measuring units over the total
measuring range. This value may not exceed the total resolution of the absolute rotary encoder.
Preset Value
The preset value is the desired position value, which should be reached at a certain physical
position of the axis
Limit Switch,
Min. and Max.
Two position values can be programmed as limit switches. By reaching these values one bit of
the 32 bit process value is set to high level
Cam
One free programmable cam can be set in the total measuring range
POLLED Mode
By a remote-transmission-request telegram the connected host calls for the current process
value. The absolute rotary encoder reads the current position value, calculates eventually set-
parameters and sends back the obtained process value by the same identifier
CYCLIC Mode
The absolute rotary encoder transmits cyclically - without being called by the host - the current
process value. The cycle time can be programmed in milliseconds for values between 1 ms and
65536 ms
SYNC Mode
After receiving a sync telegram by the host, the absolute rotary encoder answers with the
current process value. If more than one node number (encoder) shall answer after receiving
a sync telegram, the answer telegrams of the nodes will be received by the host in order of
their node numbers. The programming of an offset-time is not necessary. If a node should not
answer after each sync telegram on the CAN network, the parameter sync counter can be
programmed to skip a certain number of sync telegrams before answering again
TRANSMISSION MODES
PROGRAMMABLE PARAMETERS
Electrical



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com