Electronic Components Datasheet Search
  English  ▼

X  

MXM5 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # MXM5
Description  PROFIBUS ABSOLUTE MULTI-TURN ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MXM5 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  MXM5 Datasheet HTML 1Page - Sensata Technologies, Inc. MXM5 Datasheet HTML 2Page - Sensata Technologies, Inc. MXM5 Datasheet HTML 3Page - Sensata Technologies, Inc. MXM5 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Interface
ISO 11898
Transmission Rate
Max 12 MBauds
Device Addressing
By Rotary Switches
Power Supply
10 – 30Vdc
Current Consumption
Max 100mA (24Vdc)
Power Consumption
Max 2,5W
Step Frequency LSB
800 kHz
Accuracy
+ ½ LSB
EMC
EN 61000-6-4 EN 61000-6-2
Electrical Lifetime
> 105 h
The Profibus-DP interface supports CLASS 1 and CLASS 2 functionality according to the encoder profile. In addition to these functions the GSD-file
supports further features, for example software limit switches. Further more, the following encoder parameters can be programmed directly via the
Profibus-DP network without any extra device.
Counting Direction
This parameter counting direction defines whether the output code increases or decreases when the shaft
rotates clockwise
Resolution (Positions per Turns)
The parameter ‘resolution per revolution’ is used to program the desired number of steps per revolution.
Each value between 1 and the physical resolution per revolution can be programmed
Total Resolution “Max-RANGE“
This parameter is used to program the desired number of measuring units over the total measuring range.
This value may not exceed the total physical resolution of the absolute rotary encoder
Reset (RAX)
The preset value is the desired position value, which should be reached at a certain physical position of the
axis. The position value is set to the desired process value by the parameter preset
Velocity
The implemented software can additionally deliver the current velocity. This value is transmitted in binary
code, 16 Bit, in addition to the process value. It is possible to choose between four different units: steps per
10 ms, per 100 ms, per 1000 ms and revolutions per minute
Software Limit Switches Function
Two software limit switches can be set. If the position value falls below the lower or exceeds the higher
limit switch, a status bit in the process value is set
Teach-In (Online Parameterization)
A special mode is available for commissioning phase of the device. This makes it possible to change
parameters while the encoder is in data exchange mode
ELECTRICAL SPECIFICATIONS
PROGRAMMABLE PARAMETERS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com