Electronic Components Datasheet Search
  English  ▼

X  

SPT Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # SPT
Description  SPT ENCODER INTERFACE MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SPT Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  SPT Datasheet HTML 1Page - Sensata Technologies, Inc. SPT Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
sensata.com/newall
Copyright © 2023 Sensata Technologies Inc.
|SPT ENCODER INTERFACE MODULES
Model
SPT (Part No. 600-83580)
5-28Vin, 5V TTL out (Line driver 26C31)
Power requirements
Voltage
5V to 28V ± 5%
Ouput Power
1.5W max (<150mA at 5V)
Output signals
Differential quadrature signals
A, B, A-, B-
Phase angle A to B
90º
Frequency range
0-2MHz, equivalent to 2ms-1 with 1µm resolution
Reference mark Signal
Differential Reference RM, RM-
As per Encoder
Periodic or Single Point
Enclosure
Material
Aluminium extrusion
Sealing
IP54
Temperature
Operation
0 to 55ºC
Storage
-20 to 85ºC
SPECIFICATIONS
9D Connector
Pin No.
Module (female)
RS422
Module (male)
Vout = Vin or Open
Collector
1
N/C
N/C
2
A
A
3
/A
/A
4
B
B
5
/B
/B
6
0V
0V
7
5V supply out 5
5-28V supply in
8
RM
RM
9
/RM
/RM
Shell
Gnd
Gnd
CONNECTIONS
This power management interface module enables a 5V SHG-TT/TS
or MHG-TT linear encoder to operate from a 5-28V supply. Output
levels remain at TTL 5V quadrature levels.


Similar Part No. - SPT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SPT FRONTIER-SPT Datasheet
590Kb / 2P
SWITCHING POWER TRANSFORMERS
logo
Novaris
SPT NOVARIS-SPT Datasheet
320Kb / 1P
SPT - Surge Protection Tester
SPT-02 NOVARIS-SPT-02 Datasheet
320Kb / 1P
SPT - Surge Protection Tester
logo
Magnelab.
SPT-0375-150 MAGNELAB-SPT-0375-150 Datasheet
166Kb / 1P
Potential Voltage Transformers SPT-0375
SPT-0375-300 MAGNELAB-SPT-0375-300 Datasheet
166Kb / 1P
Potential Voltage Transformers SPT-0375
More results

Similar Description - SPT

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM500GA128D SEMIKRON-SKM500GA128D_06 Datasheet
669Kb / 5P
SPT IGBT Modules
SEMIX553GD128DC SEMIKRON-SEMIX553GD128DC_07 Datasheet
974Kb / 5P
SPT IGBT Modules
SEMIX202GB128D SEMIKRON-SEMIX202GB128D_07 Datasheet
792Kb / 5P
SPT IGBT Modules
SEMIX101GD128DS SEMIKRON-SEMIX101GD128DS_07 Datasheet
962Kb / 5P
SPT IGBT Modules
logo
Sirectifier Semiconduct...
SDI400S12 SIRECTIFIER-SDI400S12 Datasheet
455Kb / 2P
SPT IGBT Modules
SID150S12 SIRECTIFIER-SID150S12 Datasheet
455Kb / 2P
SPT IGBT Modules
SID75S12 SIRECTIFIER-SID75S12 Datasheet
605Kb / 2P
SPT IGBT Modules
SII145S12 SIRECTIFIER-SII145S12 Datasheet
629Kb / 2P
SPT IGBT Modules
logo
Semikron International
SEMIX352GAL128DS SEMIKRON-SEMIX352GAL128DS_08 Datasheet
397Kb / 5P
SPT IGBT Modules
SEMIX352GAR128DS SEMIKRON-SEMIX352GAR128DS Datasheet
397Kb / 5P
SPT IGBT Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com