Electronic Components Datasheet Search
  English  ▼

X  

3321 Datasheet(PDF) 24 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way globe valve (ON/OFF)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 24 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Type 3321
24 | 26
Visit product website 
7.
Ordering information
7.1. Bürkert eShop
Bürkert eShop – Easy ordering and quick delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
7.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
7.3. Ordering chart accessories
Standard accessories
Description
Article no.
SIM card for data transmission between devices
291773 
Holding device for port connection DN 15…40
693770 
Holding device for port connection DN 50
693771 
Plastic blind cover
277881 
Energy storage SAFEPOS energy-pack (AG2)
285834 
Energy storage SAFEPOS energy-pack (AG3)
20046438 
Accessories cable
Note:
For connection to a büS/CANopen network see cabling guide .
Description
Article no.
Connection cable with M12 socket, 4-pin, (length 5 m) for operating voltage AG2 (without communication)
918038 
Connection cable with M12 socket, 5-pin, L coded (length 5 m) for operating voltage AG3 (without communica-
tion)
20010840 
Connection cable with M12 socket, 8-pin, (length 2 m) for input and output signals
919061 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com