Electronic Components Datasheet Search
  English  ▼

X  

3323 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 3323
Description  Electromotive 2/2-way diaphragm valve (ON/OFF)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3323 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 3323 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Type 3323
20 | 33
Visit product website 
4.9. Cast body (VG) with clamp connection
Note:
• Dimensions in mm, unless otherwise stated
• Further information on the draining angle, please refer to the “Additional manual Type 2xxx 3xxx” on our website (see
operating instructions Type 3323 ).
L
Diaphragm
size
Port connec-
tion DN
Ø D1
s
Ø D2
L
h
H
Product
key 1.)
DIN 32676 series B (ISO pipe)
25
25
33.7
2
50.5
129
20.0
39.0
TC44
40
40
48.3
2
64.0
161
28.6
55.0
TC46
50
50
60.3
2
77.5
192
35.5
68.0
TC47
DIN 32676 series A (DIN pipe)
15
15
19
1.5
34.0
110
13.5
25.0
TD42
20
20
23
1.5
34.0
119
18.0
32.8
TD43
25
25
29
1.5
50.5
129
20.0
39.0
TD44
40
40
41
1.5
50.5
161
28.6
55.0
TD46
50
50
53
1.65
64.0
192
35.5
68.0
TD47
ASME BPE
8
⅜"
9.53
0.89
25.0
89
9.6
18.6
TG01
8
½"
12.7
1.65
25.0
89
9.6
18.6
TG02
15
¾"
19.05
1.65
25.0
102
13.5
23.0
TG03
20
¾"
19.05
1.65
25.0
117
18.0
25.0
TG03
25
1"
25.4
1.65
50.5
114
18.0
40.0
TG04
40
1½"
38.1
1.65
50.5
140
28.6
55.0
TG05
50
2"
50.8
1.65
64.0
159
35.5
68.0
TG06
50
2½"
63.5
1.65
77.5
190
35.5
68.0
TG07
65
2½"
63.5
1.65
77.5
249.2
43.0
82.0
TG07
80
3"
76.2
1.65
91
306.2
51.0
101.0
TG08
100
4"
101.6
2.11
119
352.2
63.5
123.5
TG09
BS 4825: Clamp BS 4825 - 3/pipe BS 4825 - 1
8
15
12.7
1.2
25
89
9.6
18.9
TH42
15
20
19.05
1.2
25
102
13.5
25.0
TH43
25
25
25.4
1.65
50.5
114
20.0
39.0
TG04
40
40
38.1
1.65
50.5
140
28.6
55.0
TG05
50
50
50.8
1.65
64.0
159
35.5
68.0
TG06
50
65
63.5
1.65
77.5
190
35.5
68.0
TG07
Clamp 34.0 similar to DIN 32676 series B (ISO pipe)
15
15
21.3
1.6
34
110
13.5
25.0
TC42
1.) This information is part of the product key (see “7.4. Bürkert Product Enquiry Form” on page 32).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com