Electronic Components Datasheet Search
  English  ▼

X  

3363 Datasheet(PDF) 32 Page - Christian Bürkert GmbH & Co. KG

Part # 3363
Description  Electromotive 2/2-way diaphragm valve (ON/OFF)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3363 Datasheet(HTML) 32 Page - Christian Bürkert GmbH & Co. KG

Back Button 3363 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Type 3323
32 | 33
Visit product website 
7.3. Ordering chart accessories
Standard accessories
Description
Article no.
SIM card for data transmission between devices
291773 
Holding device for port connection DN 08…40 1.)
697473 
Plastic blind cover
277881 
Energy storage SAFEPOS energy-pack (AG2)
285834 
Energy storage SAFEPOS energy-pack (AG3)
20046438 
1.) For diaphragm size 08, the holding device is included in the delivery.
Accessories cable
Note:
For connection to a büS/CANopen network see cabling guide .
Description
Article no.
Connection cable with M12 socket, 4-pin, (length 5 m) for operating voltage (without communication)
918038 
Connection cable with M12 socket, 5-pin, L coded (length 5 m) for operating voltage AG3 (without communication)
20010840 
Connection cable with M12 socket, 8-pin, (length 2 m) for input and output signals
919061 
Bürkert accessories
Note:
• For connection to a büS/CANopen network see cabling guide .
• Detailed accessory tables can be found in the cabling guide.
Description
Article no.
Software Bürkert Communicator, Type 8920
LINK 
büS stick set 1 (including power supply unit, bus-stick, terminating resistor, Y-distributor, 0.7 m cable with M12 con-
nector)
772426 
büS stick set 2 (including bus-stick, terminating resistor, Y-distributor, 0.7 m cable with M12 connector)
772551 
büS adapter for büS interface set (M12 on büS service interface Micro-USB)
773254 
7.4. Bürkert Product Enquiry Form
Note:
Please see our Product Enquiry Form for a full explanation of our specification key.
Bürkert Product Enquiry Form – Your enquiry quickly and compactly
Would you like to make a specific product enquiry based on your technical require-
ments? Use our Product Enquiry Form for this purpose. There you will find all the
relevant information for your Bürkert contact. This will enable us to provide you with
the best possible advice.
Fill out the form now



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com