| Electronic Components Datasheet Search |
|
3321 Datasheet(PDF) 24 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
3321 Datasheet(HTML) 24 Page - Christian Bürkert GmbH & Co. KG |
|
24 / 29 page ![]() Type 3361 24 | 29 Visit product website Safety position via energy storage (optional) AG2 AG3 The safety starting positions in case of power inter- ruption is realized with the optional energy storage SAFEPOS energy-pack. The desired position is set via the menu. In addition to the end positions (open/ closed), any desired intermediate position can be defined here. The energy storage has a lifespan of up to 10 years, depending on the operating condi- tions. The power of the energy storage is monitored and a warning is displayed to indicate its life is com- ing to an end. The storage device is designed as a plug-in module to facilitate replacement. Without energy storage, the valve remains in the last position it was in. The energy storage device is fully charged and ready for operation after a maximum of 120 seconds (depending on the operating conditions). The energy storage device cannot be retrofitted in the field. SAFEPOS energy-pack Fieldbus: EtherNet/IP, PROFINET, Modbus TCP (optional) The fieldbus gateway for EtherNet/IP, PROFINET and Modbus TCP is integrated in an additional module. It has 2 fieldbus connections with 4-pin M12 circular sockets. The interfaces for the fieldbus connection and the status LEDs are located under the gateway housing cover. If there is a need for it to be include in a network then the configuration of the Ethernet can be performed via the web server. The gateway cannot be retrofitted in the field. Display module FIeldbus gateway Fieldbus M12 connection (2 Port Ethernet Switch) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |