| Electronic Components Datasheet Search |
|
3323 Datasheet(PDF) 32 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
3323 Datasheet(HTML) 32 Page - Christian Bürkert GmbH & Co. KG |
|
32 / 35 page ![]() Type 3363 32 | 35 Visit product website Design of electromotive diaphragm valve Type 3363 AG3 Actuator housing Transparent window with position indicator Pressure compensation element/access to the mechanical manual override SAFEPOS energypack (optional) Electrical connections (circular plug-in connector) FE Functional earth Actuator cover Blind cover or display module with device status indicator and bayonet catch Actuator base 2 relief bores Diaphragm socket Port connection Valve body Diaphragm Integrated position controller The position of the actuator (stroke) is controlled according to the position set-point. The position set- point is either given by an external standard signal (analogue) or via a fieldbus (digital). The displacement transducer records the actual position (POS) of the electric linear actuator. This actual position value is compared by the positioner with the position set- point (CMD) specified as standard signal. If there is a system deviation (Xd1), the electric motor drive is controlled via the manipulated variable CTRL and the actual position value is changed accordingly. Valve opening Electro- motive actuator Displacement transducer Position controller Set-point position value CMD Xd1 CTRL POS Z1 POS Position control circuit + - Valve body Integrated process controller (optional) The additionally implemented PID controller allows process control. The set-point position of the valve is calculated from the external signal (e.g. level, pres- sure, flow rate, temperature) for the process set-point and the actual process value via the control parame- ters (PID controller). Process size Process Transmitter Process- controller Process set-point SP Xd2 CMD Valve opening PV + - Positon control circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |