Electronic Components Datasheet Search
  English  ▼

X  

8026 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8026
Description  Insertion flowmeter with paddle wheel, ELEMENT design
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8026 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8026 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8026 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8026 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8026 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8026 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8026 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8026 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8026 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8026 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Visit product website 
DATA SHEET
Type 8692
Digital electro-pneumatic
positioner for integrated
mounting on process
control valves
Type 2030
Pneumatically operated
2/2-way diaphragm valve
CLASSIC with plastic
valve body
Type 8644
AirLINE SP electropneu-
matic automation system
Type 2101
Pneumatically operated
2/2-way globe valve
ELEMENT for decentral-
ised automation
Type 8611
eCONTROL - Universal
controller
Type S020
Insertion fitting for flow or
analytical measurement
Type 8619
multiCELL - Multi-channel
and multi-function
transmitter/controller
Standard | EU | en | 2023-12-11 | 16
Insertion flowmeter with paddle wheel, ELEMENT design
• Up to PN 10, size of measurement pipes: DN 20…DN 400
• Configurable outputs: one or two transistor output(s) and one or two
4…20 mA current output(s)
• Removable backlit display/configuration module for indication of flow
rate and volume with two flow totalizers
• Automatic calibration using teach-in, all outputs can be checked
without the need for actual flow
The device Type 8026 is specially designed for measuring the flow rate in solid-free
liquids in a variety of applications (water treatment, waste water monitoring, chem-
ical processing, etc.). The Bürkert-designed fitting system ensures simple installa-
tion of the device into all pipes from DN 20…DN 400.
The device is provided either with 2 configurable outputs (1 transistor output (NPN)
and (1 current output 4…20 mA, 2-wire), or with 3 configurable outputs (2 transistor
outputs (NPN/PNP) and 1 current output 4…20 mA, 2-wire) or with 4 configurable
outputs (2 transistor outputs (NPN/PNP) and (2 current outputs 4…20 mA, 3-wire).
The device converts the measured signal, displays different values in different units
(if the display/configuration module is mounted) and computes the output signals
which are provided via one or two M12 fixed connectors. Thanks to 1 or 2 transistor
outputs, the flowmeter can be used to switch a solenoid valve, activate an alarm
and, thanks to 1 or 2 current outputs, establish one or two control loops.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8026
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8026

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8026 FILTRAN-8026 Datasheet
149Kb / 1P
T1/E1 Extended Temperature Range SMD Single Transformers
logo
Sonardyne sound in dept...
8026 SONARDYNE-8026 Datasheet
560Kb / 2P
Navigation Computer
logo
List of Unclassifed Man...
80260 ETC2-80260 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
logo
Festo Corporation.
8026208 FESTO-8026208 Datasheet
89Kb / 1P
Cover plate
8026209 FESTO-8026209 Datasheet
94Kb / 1P
Cover plate
More results

Similar Description - 8026

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD161 ETC1-SD161 Datasheet
4Mb / 13P
SEGA PADDLE CONTROLLER WITH TURBO FUNCTION
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
Baumer IVO GmbH & Co. K...
MA20 IVO-MA20 Datasheet
317Kb / 2P
With measuring arm and wheel
logo
TT Electronics.
DS1402 TTELEC-DS1402 Datasheet
452Kb / 1P
Paddle Flow Switches
DS1911 TTELEC-DS1911 Datasheet
298Kb / 1P
Paddle Wheel Flow Indicator
DS1010 TTELEC-DS1010 Datasheet
515Kb / 2P
Platon NS Series Pelton Wheel Flowmeter
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
Maxim Integrated Produc...
DS26503DK MAXIM-DS26503DK Datasheet
1Mb / 30P
T1/E1/J1 BITS Element Design Kit
REV: 031507
DS26502DK MAXIM-DS26502DK Datasheet
1Mb / 30P
T1/E1/J1/64KCC Bits Element Design Kit
REV: 031507
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com