Electronic Components Datasheet Search
  English  ▼

X  

8030 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8030
Description  Inline flowmeter for continuous measurements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8030 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8030 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Type 8030
4 | 14
Visit product website 
Medium data
Viscosity
Max. 300 cSt
Rate of solid particles
Max. 1 %
Maximum particle size
0.5 mm
Process/Pipe connection & communication
Electrical connection
Female cable plug according to DIN EN 175301-803
Approvals and conformities
Directives
CE directive
Further information on the CE Directive can be found in chapter “3.2. Standards” on page 7
Pressure equipment directive
Complying with article 4, paragraph 1 of 2014/68/EU directive
Further information on the pressure equipment directive can be found in chapter “3.3. Pressure
Equipment Directive (PED)” on page 7.
Environment and installation
Relative air humidity
≤ 80 %, without condensation
Height above sea level
Max. 2000 m
Operating condition
Continuous
Equipment mobility
Fixed
Application range
Indoor and outdoor
Protect the device against electromagnetic interference, ultraviolet rays and, when installed outdoors,
against the effects of climatic conditions.
Degree of protection according
to IEC/EN 60529
IP65 under the following simultaneous conditions:
• device wired
• cable plug mounted and tightened
Installation category
Category I according to UL/EN 61010-1
Pollution degree
Degree 2 according to UL/EN 61010-1
1.) Under reference conditions i.e. measuring medium = water, ambient and water temperature = + 20 °C (+ 68 °F), observing the minimum the minimum inlet and outlet sections and the
appropriate inner diameter of the pipe.
1.3. Flowmeter with an Hall or Hall “Low Power” transducer
Note:
If the device is mounted in a humid environment or outside, then the maximum voltage allowed is 35 V DC instead of 36 V DC.
Product properties
Material
Non wetted parts
Cover (male fixed plug)
PC
Housing
PC
Bayonet system
PC
Female cable plug
Cable gland seal and flat seal in NBR
Wetted parts
Sensor armature
Stainless steel (316L - 1.4404), brass (CuZn
39Pb2), PVC, PP or PVDF (depending on Type S030 Inline
sensor-fitting variant)
Bearing
Ceramics (Al
2O3)
Paddle wheel
PVDF
Sensor-fitting body
Stainless steel (316L - 1.4404), brass (CuZn
39Pb2), PVC, PP or PVDF (depending on Type S030 Inline
sensor-fitting variant)
Measuring range
• Flow rate: 0.5…1000 l/min (0.13…265 gpm)
• Flow velocity: 0.3…10 m/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com