Electronic Components Datasheet Search
  English  ▼

X  

8619 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8619
Description  Inline flowmeter for continuous measurements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8619 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8619 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 8030
3 | 14
Visit product website 
1.
General technical data
1.1. About the device
The flowmeter Type 8030 is available with a wide variety of process connection and
• either with an Hall or Hall “Low Power” transducer
• or with a coil transducer. This variant called High Temperature (8030-HT) is intended for flow measurement at high temperatures.
1.2. All variants
The following data applies to all variants mentioned above.
Product properties
Material
Make sure the device materials are compatible with the fluid you are using.
Further information can be found in chapter “4.1. Bürkert resistApp” on page 8.
Further information on the materials can be found in chapter “4.2. Material specifications” on page 8.
Non wetted parts
Screw
Stainless steel
Female cable plug
Body, contact holder and cable gland in PA
Wetted parts
Axis
Ceramics (Al
2O3)
Seal
FKM or EPDM, depending on the Inline sensor-fitting variant Type S030
Compatibility
Any pipe from DN 06…DN 65 which are fitted with Bürkert Type S030 Inline sensor-fitting.
For the selection of the nominal diameter of the Inline sensor-fittings, see data sheet Type S030 .
Pipe diameter
DN 06…DN 65
Dimensions
Further information can be found in chapter “5. Dimensions” on page 9.
Measuring principle
Paddle wheel
Performance data
Measurement deviation
• Teach-in: ± 1 % of the measured value 1.) at teach flow rate value
• Standard K factor: ± 2.5 % of the measured value 1.)
Linearity
± 0.5 % of full scale 1.)
Repeatability
± 0.4 % of the measured value 1.)
Electrical data
Power source (not supplied)
Limited power source according to UL/EN 62368-1 standards or limited energy circuit according to UL/
EN 61010-1 paragraph 9.4
Protection against DC polarity
reversal
Yes
Voltage supply cable
• Cable with maximum operating temperature greater than 80 °C
• Max. 50 m length, shielded
• External diameter of wire: 5…8 mm
• Cross section of wires: 0.25…1.5 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com